Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46721 Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 43Page - Dialog Semiconductor SLG46721 Datasheet HTML 44Page - Dialog Semiconductor SLG46721 Datasheet HTML 45Page - Dialog Semiconductor SLG46721 Datasheet HTML 46Page - Dialog Semiconductor SLG46721 Datasheet HTML 47Page - Dialog Semiconductor SLG46721 Datasheet HTML 48Page - Dialog Semiconductor SLG46721 Datasheet HTML 49Page - Dialog Semiconductor SLG46721 Datasheet HTML 50Page - Dialog Semiconductor SLG46721 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 101 page
background image
000-0046721-114
Page 46 of 100
SLG46721
10.3 3-Bit LUT or Pipe Delay Macrocell
There is one macrocell that can serve as either a 3-bit LUT or as a Pipe Delay.
When used to implement LUT functions, the 3-bit LUT take in three input signals from the connection matrix and produces a single
output, which goes back into the connection matrix.
When used as a pipe delay, there are three inputs signals from the matrix, Input (IN), Clock (CLK) and Reset (RST). The pipe
delay cell is built from 16 D Flip-Flop logic cells that provide the three delay options, two of which are user selectable. The DFF
cells are tied in series where the output (Q) of each delay cell goes to the next DFF cell. The first delay option (OUT2) is fixed at
the output of the first flip-flop stage. The other two outputs (OUT0 and OUT1) provide user selectable options for 1 – 16 stages
of delay There are delay output points for each set of the OUT0 and OUT1 outputs to a 4-input mux that is controlled by reg
<666:663> for OUT0 and reg <670:667> for OUT1. The 4-input mux is used to control the selection of the amount of delay.
The overall time of the delay is based on the clock used in the SLG46721 design. Each DFF cell has a time delay of the inverse
of the clock time (either external clock or the RC Oscillator within the SLG46721). The sum of the number of DFF cells used will
be the total time delay of the Pipe Delay logic cell.
Figure 15. 3-bit LUT8 or Pipe Delay
3-bit LUT8 OUT
IN1
IN0
reg <670:663>
From Connection
Matrix Output <59>
From Connection
Matrix Output <60>
IN2
From Connection
Matrix Output <61>
16 Flip-Flops
IN
RST
CLK
From Connection
Matrix Output <60>
From Connection
Matrix Output <59>
From Connection
Matrix Output <61>
reg <670:667>
reg <666:663>
To Connection
Matrix Input<41>
To Connection
Matrix Input <40>
OUT1
OUT0
reg <964>
0
1
To Connection
Matrix Input <34>
OUT2
reg <963>
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com