Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46721 Datasheet(PDF) 78 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 78 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 74Page - Dialog Semiconductor SLG46721 Datasheet HTML 75Page - Dialog Semiconductor SLG46721 Datasheet HTML 76Page - Dialog Semiconductor SLG46721 Datasheet HTML 77Page - Dialog Semiconductor SLG46721 Datasheet HTML 78Page - Dialog Semiconductor SLG46721 Datasheet HTML 79Page - Dialog Semiconductor SLG46721 Datasheet HTML 80Page - Dialog Semiconductor SLG46721 Datasheet HTML 81Page - Dialog Semiconductor SLG46721 Datasheet HTML 82Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
000-0046721-114
Page 77 of 100
SLG46721
18.0 RC Oscillator (RC Osc)
18.1 RC Oscillator Overview
The SLG46721 has two internal RC oscillators, one that runs at 25 kHz and one that runs at 2 MHz. The user can select one of
these fundamental frequencies for the RC OSC Macrocell, or the fundamental frequency can also come from an external clock
input (Pin 20). There are two divider stages that allow the user flexibility for introducing clock signals on various Connection Matrix
Input lines. The first stage divider allows the selection of /1, /2, /4 or /8 divide down frequency from the fundamental. The second
stage divider has an input of one frequency from the first stage divider, and outputs five different frequencies on Connection Matrix
Input lines <45>, <46>, <47>, <48>, and <49>. See Figure 40 below for details of the frequencies for each of these five Connection
Matrix Inputs.
If PWR DOWN input of oscillator is LOW, the oscillator will be turned on. If PWR DOWN input of oscillator is HIGH the oscillator
will be turned off. The PWR DOWN signal has the highest priority.
18.2 RC OSC Block Diagram
Figure 40. RC OSC Block Diagram
Internal RCO
reg <708>
0: 25 kHz
1: 2 MHz
Pin 20 Ext. Clock
Ext. Clk Sel reg <712>
/ 4
/ 8
/ 12
/ 24
/ 64
/ 3
/ 3
To Connection Matrix Input <45>
To Connection Matrix Input <46>
To Connection Matrix Input <49>
To Connection Matrix Input <48>
0
1
2
3
To Connection Matrix Input <47>
reg <711:710>
DIV /1/2/4/8
reg <566:565>
First Stage
Divider
Second Stage
Divider
0
1
From Connection Matrix Output <75>
PWR DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com