Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46721 Datasheet(PDF) 85 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 85 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 81Page - Dialog Semiconductor SLG46721 Datasheet HTML 82Page - Dialog Semiconductor SLG46721 Datasheet HTML 83Page - Dialog Semiconductor SLG46721 Datasheet HTML 84Page - Dialog Semiconductor SLG46721 Datasheet HTML 85Page - Dialog Semiconductor SLG46721 Datasheet HTML 86Page - Dialog Semiconductor SLG46721 Datasheet HTML 87Page - Dialog Semiconductor SLG46721 Datasheet HTML 88Page - Dialog Semiconductor SLG46721 Datasheet HTML 89Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
000-0046721-114
Page 84 of 100
SLG46721
reg<622:615>
LUT3_2 Data (if reg.<671>=0) or DFF2 / Latch Select)
reg<615> DFF2 or Latch select
0: DFF function
1: Latch function
reg<616> DFF2 output select
0: Q output
1: nQ output
reg<617> DFF2 rstb/setb select
0: resetb from matrix output
1: setb from matrix output
reg<618> DFF2 initial polarity select
0: Low
1: High
reg<630:623>
LUT3_3 Data (if reg.<672>=0) or DFF3 / Latch Select
reg<623> DFF3 or Latch select
0: DFF function
1: Latch function
reg<624> DFF3 output select
0: Q output
1: nQ output
reg<625> DFF3 rstb/setb select
0: resetb from matrix output
1: setb from matrix output
reg<626> DFF3 initial polarity select
0: Low
1: High
reg<638:631>
LUT3_4 data
reg<646:639>
LUT3_5 data
reg<654:647>
LUT3_6 data
reg<662:655>
LUT3_7 data
reg<670:663>
LUT3_8 data or pipe number select
reg<666:663>: OUT0 select
reg<670:667>: OUT1 select
reg<671>
LUT3_2 or DFF2 select
0: LUT3_2
1: DFF2
reg<672>
LUT3_3 or DFF3 select
0: LUT3_3
1: DFF3
reg<688:673>
LUT4_0 data or Counter / Delay 2 mode selection
reg<673> Counter/delay2 mode selection
0: Delay Mode
1: Counter Mode
reg<676:674> Counter/delay2 Clock Source select
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock/8
111: Counter1 Overflow
reg<684:677> Counter/delay2 Control Data
1 – 256 (delay time = (counter control data +2) /freq)
reg<686:685> Delay2 Mode Select or asynchronous
counter reset
00: on both falling and rising edges (for delay &
counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / high
level reset
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com