Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46721 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG46721 Datasheet HTML 1Page - Dialog Semiconductor SLG46721 Datasheet HTML 2Page - Dialog Semiconductor SLG46721 Datasheet HTML 3Page - Dialog Semiconductor SLG46721 Datasheet HTML 4Page - Dialog Semiconductor SLG46721 Datasheet HTML 5Page - Dialog Semiconductor SLG46721 Datasheet HTML 6Page - Dialog Semiconductor SLG46721 Datasheet HTML 7Page - Dialog Semiconductor SLG46721 Datasheet HTML 8Page - Dialog Semiconductor SLG46721 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
Silego Technology, Inc.
Rev 1.14
000-0046721-114
Revised December 5, 2017
GreenPAK
Programmable Mixed Signal Array
SLG46721
Block Diagram
Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• Read Back Protection (Read Lock)
• 1.8 V (±5%) to 5 V (±10%) Supply
• Operating Temperature Range: -40°C to 85°C
• RoHS Compliant / Halogen-Free
• 20-pin STQFN: 2 x 3 x 0.55 mm, 0.4 mm pitch
Applications
• Personal Computers and Servers
• PC Peripherals
• Consumer Electronics
• Data Communications Equipment
• Handheld and Portable Electronics
Pin Configuration
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
2
3
414
15
16
17
GPI
VDD 1
STQFN-20
(Top View)
GPIO
GPIO 5
6
GPIO
GPIO
12
13
GPIO 7
GND
11
8
9
10
18
19
20
3-bit
LUT3_8 or
Pipe Delay
Pin 6
GPIO
Vref
Programmable
Delay
RC Oscillator
Pin 7
GPIO
Pin 1
VDD
Pin 2
GPI
Pin 3
GPIO
Pin 4
GPIO
Pin 5
GPIO
Pin 20
GPIO
Pin 19
GPIO
Pin 18
GPIO
Pin 8
GPIO
Pin 9
GPIO
Pin 10
GPIO
Pin 12
GPIO
Pin 11
GND
Pin 17
GPIO
Pin 16
GPIO
Pin 15
GPIO
Pin 14
GPIO
Pin 13
GPIO
INV_0
ACMP0
ACMP1
ACMP2
ACMP3
FILTER_0
INV_1
Additional Logic Functions
Look Up Tables (LUTs)
Counters/Delay Generators
CNT0
CNT4
CNT1
CNT5
CNT6
2-bit
LUT2_4
3-bit
LUT3_0
2-bit
LUT2_5
3-bit
LUT3_1
3-bit
LUT3_5
3-bit
LUT3_4
3-bit
LUT3_6
3-bit
LUT3_9
3-bit
LUT3_7
Combination Function Macrocells
2-bit
LUT2_0
or DFF4
2-bit
LUT2_2
or DFF6
2-bit
LUT2_1
or DFF5
2-bit
LUT2_3
or DFF7
3-bit
LUT3_3
or DFF3
3bit
LUT3_2
or DFF2
4-bit
LUT4_1
or CNT3
4-bit
LUT4_0
or CNT2
FILTER_1
POR


Similar Part No. - SLG46721

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46721V RENESAS-SLG46721V Datasheet
1Mb / 103P
GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46721VTR RENESAS-SLG46721VTR Datasheet
1Mb / 103P
GreenPAK Programmable Mixed Signal Array
March 10, 2023
More results

Similar Description - SLG46721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
MIXED SIGNAL MICROCONTROLLERS
MSP430X13X TI-MSP430X13X Datasheet
987Kb / 59P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3 Datasheet
937Kb / 46P
MIXED SIGNAL MICROCONTROLLER
MSP430X21X1 TI-MSP430X21X1_08 Datasheet
1Mb / 52P
MIXED SIGNAL MICROCONTROLLER
MSP430C11X1 TI-MSP430C11X1_08 Datasheet
947Kb / 40P
MIXED SIGNAL MICROCONTROLLER
MSP430F21X2 TI-MSP430F21X2_08 Datasheet
4Mb / 81P
MIXED SIGNAL MICROCONTROLLER
MSP430BT5190 TI1-MSP430BT5190_15 Datasheet
1Mb / 105P
Mixed-Signal Microcontroller
MSP430F533 TI1-MSP430F533_15 Datasheet
1Mb / 112P
Mixed-Signal Microcontrollers
logo
Dialog Semiconductor
SLG46537 DIALOG-SLG46537 Datasheet
1Mb / 193P
Logic & Mixed Signal Circuits
SLG46538 DIALOG-SLG46538 Datasheet
1Mb / 205P
Logic & Mixed Signal Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com