Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46721 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 48Page - Dialog Semiconductor SLG46721 Datasheet HTML 49Page - Dialog Semiconductor SLG46721 Datasheet HTML 50Page - Dialog Semiconductor SLG46721 Datasheet HTML 51Page - Dialog Semiconductor SLG46721 Datasheet HTML 52Page - Dialog Semiconductor SLG46721 Datasheet HTML 53Page - Dialog Semiconductor SLG46721 Datasheet HTML 54Page - Dialog Semiconductor SLG46721 Datasheet HTML 55Page - Dialog Semiconductor SLG46721 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 101 page
background image
000-0046721-114
Page 51 of 100
SLG46721
10.4.2 4-Bit LUT or 8-Bit Counter / Delay Macrocells Used as 8-Bit Counter / Delay Register Settings
Table 54. CNT/DLY2 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT4_0 or
Counter2 Select
reg<705>
0: LUT4_0
1: Counter2
Counter/delay2
Mode Selection
reg<673>
0: Delay Mode
1: Counter Mode
Counter/delay2
Clock Source Select
reg<676:674>
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock / 8
111: Counter1 Overflow
Counter/delay2
Control Data
reg<684:677>
1 – 256 (delay time = (counter control data +2) /freq)
Delay2 Mode Select
or asynchronous
counter reset
reg<686:685>
00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / high level reset
Table 55. CNT/DLY3 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT4_1 or
Counter3 Select
reg<706>
0: LUT4_1
1: Counter3
Counter/delay3
Mode Selection
reg<689>
0: Delay Mode
1: Counter Mode
Counter/delay3
Clock Source Select
reg<692:690>
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock / 8
111: Counter2 Overflow
Counter/delay3
Control Data
reg<700:693>
1 – 256 (delay time = (counter control data +2) /freq)
Delay3 Mode Select
or asynchronous
counter reset
reg<702:701>
00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / high level reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com