Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46721 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 13Page - Dialog Semiconductor SLG46721 Datasheet HTML 14Page - Dialog Semiconductor SLG46721 Datasheet HTML 15Page - Dialog Semiconductor SLG46721 Datasheet HTML 16Page - Dialog Semiconductor SLG46721 Datasheet HTML 17Page - Dialog Semiconductor SLG46721 Datasheet HTML 18Page - Dialog Semiconductor SLG46721 Datasheet HTML 19Page - Dialog Semiconductor SLG46721 Datasheet HTML 20Page - Dialog Semiconductor SLG46721 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
000-0046721-114
Page 16 of 100
SLG46721
7.0 I/O Pins
The SLG46721 has a total of 18 multi-function I/O pins which can function as either a user defined Input or Output, as well as
serving as a special function (such as outputting the voltage reference), or serving as a signal for programming of the on-chip
Non Volatile Memory (NVM).
Normal Mode pin definitions are as follows:
• Pin 1: VDD power supply
• Pin 2: general purpose input
• Pin 3: general purpose input or output with OE
• Pin 4: general purpose input or output
• Pin 5: general purpose input or output with OE
• Pin 6: general purpose input or output or analog comparator 0(+)
• Pin 7: general purpose input or output with OE or analog comparator 0(-)
• Pin 8: general purpose input or output
• Pin 9: general purpose input or output with OE
• Pin 10: general purpose input or output or analog comparator 1(+)
• Pin 11: ground
• Pin 12: general purpose input or output or analog comparator 1(-)
• Pin 13: general purpose input or output with OE or analog comparator 2(+)
• Pin 14: general purpose input or output with OE or analog comparator 2(-)
• Pin 15: general purpose input or output or analog comparator 3(+)
• Pin 16: general purpose input or output with OE
• Pin 17: general purpose input or output
• Pin 18: general purpose input or output with OE and Vref output (VREF2)
• Pin 19: general purpose input or output with OE and Vref output (VREF1)
• Pin 20: general purpose input or output or external clock input
Programming Mode pin definitions are as follows:
• Pin 1: VDD power supply
• Pin 2: VPP programming voltage
• Pin 11: ground
• Pin 16: programming mode control
• Pin 17: programming ID pin
• Pin 18: programming SDIO pin
• Pin 19: programming SRDWB pin
• Pin 20: programming SCL pin
Of the 18 user defined I/O pins on the SLG46721, all but one of the pins (Pin 2) can serve as both digital input and digital output.
Pin 2 can only serve as a digital input pin.
7.1 Input Modes
Each I/O pin can be configured as a digital input pin with/without buffered Schmitt Trigger, or can also be configured as a low
voltage digital input. Pins 6, 7, 10, 12, 13, 14, and 15 can also be configured to serve as analog inputs to the on-chip comparators.
Pins 18 and 19 can also be configured as analog reference voltage inputs.
7.2 Output Modes
Pins 3, 4, 5, 6, 7, 8, 9, 10, 12, 13, 14, 15, 16, 17, 18, 19, and 20 can all be configured as digital output pins.
7.3 Pull Up/Down Resistors
All I/O pins have the option for user selectable resistors connected to the input structure. The selectable values on these resistors
are 10 k
, 100 k and 1 M. In the case of Pin 2, the resistors are fixed to a pull-down configuration. In the case of all other I/O
pins, the internal resistors can be configured as either pull-up or pull-downs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com