Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 121 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 121 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 117Page - Microchip Technology LAN9220 Datasheet HTML 118Page - Microchip Technology LAN9220 Datasheet HTML 119Page - Microchip Technology LAN9220 Datasheet HTML 120Page - Microchip Technology LAN9220 Datasheet HTML 121Page - Microchip Technology LAN9220 Datasheet HTML 122Page - Microchip Technology LAN9220 Datasheet HTML 123Page - Microchip Technology LAN9220 Datasheet HTML 124Page - Microchip Technology LAN9220 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 121
LAN9220
6.7
PIO Writes
PIO writes are used for all LAN9220 write cycles. PIO writes can be performed using Chip Select (nCS) or Write Enable
(nWR). Either or both of these control signals must go high between cycles for the period specified.
FIGURE 6-6:
PIO WRITE CYCLE TIMING
Note:
The “Data Bus” width is 16 bits.
TABLE 6-7:
PIO WRITE CYCLE TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcycle
Write Cycle Time
165
ns
tcsl
nCS, nWR Assertion Time
32
ns
tcsh
nCS, nWR Deassertion Time (see Note below)
13
133
ns
tasu
Address Setup to nCS, nWR Assertion
0
ns
tah
Address Hold Time
0
ns
tdsu
Data Setup to nCS, nWR Deassertion
7
ns
tdh
Data Hold Time
0
ns
Note:
A PIO Write cycle begins when both nCS and nWR are asserted. The cycle ends when either or both nCS
and nWR are deasserted. They may be asserted and deasserted in any order. Parameters tcsh and tcsl
must be extended using wait states to meet the tcycle minimum.
Data Bus
nCS, nWR
A[7:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com