Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 122 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 122 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 118Page - Microchip Technology LAN9220 Datasheet HTML 119Page - Microchip Technology LAN9220 Datasheet HTML 120Page - Microchip Technology LAN9220 Datasheet HTML 121Page - Microchip Technology LAN9220 Datasheet HTML 122Page - Microchip Technology LAN9220 Datasheet HTML 123Page - Microchip Technology LAN9220 Datasheet HTML 124Page - Microchip Technology LAN9220 Datasheet HTML 125Page - Microchip Technology LAN9220 Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 142 page
background image
LAN9220
DS00002417A-page 122
 2006-2017 Microchip Technology Inc.
6.8
TX Data FIFO Direct PIO Writes
In this mode the upper address inputs are not decoded, and any write to the LAN9220 will write the TX Data FIFO. This
mode is enabled when FIFO_SEL is driven high during a write access. This is normally accomplished by connecting the
FIFO_SEL signal to a high-order address line. This mode is useful when the host processor must increment its address
when accessing the LAN9220. Timing is identical to a PIO write, and the FIFO_SEL signal has the same timing char-
acteristics as the address lines.
FIGURE 6-7:
TX DATA FIFO DIRECT PIO WRITE TIMING
Note:
The “Data Bus” width is 16 bits.
TABLE 6-8:
TX DATA FIFO DIRECT PIO WRITE TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcycle
Write Cycle Time
165
ns
tcsl
nCS, nWR Assertion Time
32
ns
tcsh
nCS, nWR Deassertion Time (see Note below)
13
133
ns
tasu
Address, FIFO_SEL Setup to nCS, nWR Assertion
0
ns
tah
Address, FIFO_SEL Hold Time
0
ns
tdsu
Data Setup to nCS, nWR Deassertion
7
ns
tdh
Data Hold Time
0
ns
Note:
A TX Data FIFO Direct PIO Write cycle begins when both nCS and nWR are asserted. The cycle ends
when either or both nCS and nWR are deasserted. They may be asserted and deasserted in any order.
Parameters tcsh and tcsl must be extended using wait states to meet the tcycle minimum.
Data Bus
nCS, nWR
FIFO_SEL
A[2:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com