Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 126 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 126 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 122Page - Microchip Technology LAN9220 Datasheet HTML 123Page - Microchip Technology LAN9220 Datasheet HTML 124Page - Microchip Technology LAN9220 Datasheet HTML 125Page - Microchip Technology LAN9220 Datasheet HTML 126Page - Microchip Technology LAN9220 Datasheet HTML 127Page - Microchip Technology LAN9220 Datasheet HTML 128Page - Microchip Technology LAN9220 Datasheet HTML 129Page - Microchip Technology LAN9220 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 142 page
background image
LAN9220
DS00002417A-page 126
 2006-2017 Microchip Technology Inc.
7.0
OPERATIONAL CHARACTERISTICS
7.1
Absolute Maximum Ratings*
Supply Voltage (VDDVARIO, VDD33REG, VDD33A) (Note 7-1)................................................................... 0V to +3.6V
Positive voltage on signal pins, with respect to ground (Note 7-2)..............................................................................+6V
Negative voltage on signal pins, with respect to ground (Note 7-3) ......................................................................... -0.5V
Positive voltage on XTAL1/CLKIN, with respect to ground ......................................................................................+4.6V
Positive voltage on XTAL2, with respect to ground ..................................................................................................+2.5V
Ambient Operating Temperature in Still Air (TA).......................................................................................... 0
oC to +70oC
Storage Temperature............................................................................................................................. .-65oC to +150oC
Lead Temperature Range............................................................................................ Refer to JEDEC Spec. J-STD-020
HBM ESD Performance .........................................................................................................................................+/- 5kV
Note 7-1
When powering this device from laboratory or system power supplies, it is important that the absolute
maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when AC power is switched on or off. In addition, voltage transients on the
AC power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
Note 7-2
This rating does not apply to the following pins: XTAL1/CLKIN, XTAL2, EXRES.
Note 7-3
This rating does not apply to the following pins: EXRES.
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at any condition exceeding those indicated in Section 7.2, "Operating Conditions**", Section 7.6,
"DC Electrical Specifications", or any other applicable section of this specification is not implied.
7.2
Operating Conditions**
Supply Voltage (VDDVARIO) .................................................................................................................. +1.62V to +3.6V
Supply Voltage (VDD33REG, VDD33A)................................................................................................... +3.3V+/-300mV
Ambient Operating Temperature in Still Air (TA).......................................................................................... 0
oC to +70oC
Note 7-4
Do not drive input signals without power supplied to the device.
**Proper operation of the LAN9220 is ensured only within the ranges specified in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com