Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 129 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 129 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 125Page - Microchip Technology LAN9220 Datasheet HTML 126Page - Microchip Technology LAN9220 Datasheet HTML 127Page - Microchip Technology LAN9220 Datasheet HTML 128Page - Microchip Technology LAN9220 Datasheet HTML 129Page - Microchip Technology LAN9220 Datasheet HTML 130Page - Microchip Technology LAN9220 Datasheet HTML 131Page - Microchip Technology LAN9220 Datasheet HTML 132Page - Microchip Technology LAN9220 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 129
LAN9220
7.5
Worst Case Current Consumption
This section details the worst case current consumption for each device power supply. These values are provided to
assist system designers with proper power supply design. These values cannot be used to determine typical power con-
sumption of the device. The maximum supply current for each power supply is provided for the maximum VDDVARIO
voltage in all supported ranges as detailed in Table 7-3, Table 7-4, and Table 7-5.
Temperature: ................................................................................................................................................0oC to +70oC
Device VDD (VDDVARIO, VDD33REG, VDD33A): ........................................................................................... Note 7-6
Note 7-6
The device VDD voltage levels are indicated in the supply current tables below.
Note:
The current measurements listed below were taken under the following conditions:
Note:
Current consumption is determined by operating frequency, temperature, and supply voltage, as well as
external source/sink requirements.
TABLE 7-3:
MAXIMUM SUPPLY CURRENT CHARACTERISTICS VDDVARIO=3.3V + 300MV
Parameter
Supply Name
Supply Voltage
MAX Current
Units
Variable Voltage Supply Current
VDDVARIO
3.6V
12
mA
+3.3V Regulator Supply Current
VDD33REG
3.6V
85
mA
+3.3V Analog Supply Current
VDD33A
3.6V
48
mA
TABLE 7-4:
MAXIMUM SUPPLY CURRENT CHARACTERISTICS VDDVARIO=2.5V + 10%
Parameter
Supply Name
Supply Voltage
MAX Current
Units
Variable Voltage Supply Current
VDDVARIO
2.75V
9
mA
+3.3V Regulator Supply Current
VDD33REG
3.6V
85
mA
+3.3V Analog Supply Current
VDD33A
3.6V
48
mA
TABLE 7-5:
MAXIMUM SUPPLY CURRENT CHARACTERISTICS VDDVARIO=1.8V + 10%
Parameter
Supply Name
Supply Voltage
MAX Current
Units
Variable Voltage Supply Current
VDDVARIO
1.98V
7
mA
+3.3V Regulator Supply Current
VDD33REG
3.6V
85
mA
+3.3V Analog Supply Current
VDD33A
3.6V
48
mA
Note:
Above values do not include the supply current for the magnetics. Based on the recommended implemen-
tation, the maximum supply current needed for the magnetics is 108mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com