Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 133 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 133 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 129Page - Microchip Technology LAN9220 Datasheet HTML 130Page - Microchip Technology LAN9220 Datasheet HTML 131Page - Microchip Technology LAN9220 Datasheet HTML 132Page - Microchip Technology LAN9220 Datasheet HTML 133Page - Microchip Technology LAN9220 Datasheet HTML 134Page - Microchip Technology LAN9220 Datasheet HTML 135Page - Microchip Technology LAN9220 Datasheet HTML 136Page - Microchip Technology LAN9220 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 133
LAN9220
Note 7-9
Measured at the line side of the transformer, line replaced by 100
 (+/- 1%) resistor.
Note 7-10
Offset from16 nS pulse width at 50% of pulse peak
Note 7-11
Measured differentially.
Note 7-12
Min/Max voltages ensured as measured with 100
resistive load.
TABLE 7-9:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Notes
Peak Differential Output Voltage
High
VPPH
950
-
1050
mVpk
Note 7-9
Peak Differential Output Voltage
Low
VPPL
-950
-
-1050
mVpk
Note 7-9
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 7-9
Signal Rise & Fall Time
TRF
3.0
-
5.0
nS
Note 7-9
Rise & Fall Time Symmetry
TRFS
--
0.5
nS
Note 7-9
Duty Cycle Distortion
DCD
35
50
65
%
Note 7-10
Overshoot & Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 7-11
TABLE 7-10:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Notes
Transmitter Peak Differential
Output Voltage
VOUT
2.2
2.5
2.8
V
Note 7-12
Receiver Differential Squelch
Threshold
VDS
300
420
585
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com