Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 134 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 134 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 130Page - Microchip Technology LAN9220 Datasheet HTML 131Page - Microchip Technology LAN9220 Datasheet HTML 132Page - Microchip Technology LAN9220 Datasheet HTML 133Page - Microchip Technology LAN9220 Datasheet HTML 134Page - Microchip Technology LAN9220 Datasheet HTML 135Page - Microchip Technology LAN9220 Datasheet HTML 136Page - Microchip Technology LAN9220 Datasheet HTML 137Page - Microchip Technology LAN9220 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 142 page
background image
LAN9220
DS00002417A-page 134
 2006-2017 Microchip Technology Inc.
7.7
Clock Circuit
The LAN9220 can accept either a 25MHz crystal (preferred) or a 25 MHz single-ended clock oscillator (
50 PPM) input.
The LAN9220 shares the 25MHz clock oscillator input (CLKIN) with the crystal input XTAL1/CLKIN. If the single-ended
clock oscillator method is implemented, XTAL2 should be left unconnected and CLKIN should be driven with a nominal
0-3.3V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the LAN9220 crystal input/output
signals (XTAL1, XTAL2). See Table 7-11, "LAN9220 Crystal Specifications" for crystal specifications. Refer to applica-
tion note AN10.7 - “Parallel Crystal Circuit Input Voltage Control” for additional information.
Note 7-13
The maximum allowable values for Frequency Tolerance and Frequency Stability are application
dependent. Since any particular application must meet the IEEE +/-50 PPM Total PPM Budget, the
combination of these two values must be approximately +/-45 PPM (allowing for aging).
Note 7-14
Frequency Deviation Over Time is also referred to as Aging.
Note 7-15
The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as
+/- 50 PPM.
Note 7-16
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included
in this value. The XTAL1/CLKIN and XTAL2 pin and PCB capacitance values are required to
accurately calculate the value of the two external load capacitors. These two external load capacitors
determine the accuracy of the 25.000 MHz frequency.
TABLE 7-11:
LAN9220 CRYSTAL SPECIFICATIONS
Parameter
Symbol
MIN
NOM
MAX
Units
Notes
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
+/-50
PPM
Note 7-13
Frequency Stability Over Temp
Ftemp
-
-
+/-50
PPM
Note 7-13
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 7-14
Total Allowable PPM Budget
-
-
+/-50
PPM
Note 7-15
Shunt Capacitance
CO
-7 typ-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
300
-
-
uW
Equivalent Series Resistance
R1
--
50
Ohm
Operating Temperature Range
0
-
+70
oC
LAN9220 XTAL1/CLKIN Pin
Capacitance
-3 typ-
pF
Note 7-16
LAN9220 XTAL2 Pin
Capacitance
-3 typ-
pF
Note 7-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com