Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 138 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 138 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 134Page - Microchip Technology LAN9220 Datasheet HTML 135Page - Microchip Technology LAN9220 Datasheet HTML 136Page - Microchip Technology LAN9220 Datasheet HTML 137Page - Microchip Technology LAN9220 Datasheet HTML 138Page - Microchip Technology LAN9220 Datasheet HTML 139Page - Microchip Technology LAN9220 Datasheet HTML 140Page - Microchip Technology LAN9220 Datasheet HTML 141Page - Microchip Technology LAN9220 Datasheet HTML 142Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 138 / 142 page
background image
LAN9220
DS00002417A-page 138
 2006-2017 Microchip Technology Inc.
Section 3.8, "General
Purpose Timer (GP Timer),"
on page 29
Changed incorrect “GPT_CNT” reference to
“GPT_LOAD”: “On a reset, or when the
TIMER_EN bit changes from set ‘1’ to cleared ‘0,’
the GPT_LOAD field is initialized to FFFFh.”
Section 5.3.23, "E2P_CMD
– EEPROM Command
Register," on page 89
Corrected MAC Address Loaded (bit 8) type from
“RO” to “R/WC”
Table 7-11 on page 134
Updated crystal specifications:
Drive Level: 300uW
ESR: 50 Ohms.
Rev. 2.3
(08-18-08)
Note 7-8 on page 132
Note following I/O Buffer Characteristics table
modified:
Changed from: ".....the per-pin input leakage is 10
divided by the maximum input leakage current."
to: ".....the per-pin input leakage is the maximum
input leakage current divided by 10."
Rev. 2.2
(06-19-08)
FIGURE 1-2:, "Internal
Block Diagram"
Diagram redone.
The word “Core” was added to the regulator block
title.
Table 2-4, “System and
Power Signals,” on page 11
Changed VDD_CORE/VDD18CORE bulk
capacitor value from 10uF to 4.7uF.
Rev. 2.2
(06-10-08)
Auto-negotiation
Advertisement on page 107
Bits 9 and 15 relabeled as Reserved, Read-Only
(RO), with a default of 0.
Auto-negotiation
Advertisement on page 107
Fixed definition of bits 11:10 when equal to “11” by
adding “advertise support for..” to beginning of
definition. Also added note stating “When both
symmetric PAUSE and asymmetric PAUSE
support are advertised, the device will only be
configured to, at most, one of the two settings
upon auto-negotiation completion.”
Section 3.5, "Wake-up
Frame Detection," on
page 18 and Section 5.4.1,
"MAC_CR—MAC Control
Register," on page 93
Added note: “When wake-up frame detection is
enabled via the WUEN bit of the WUCSR—Wake-
up Control and Status Register, a broadcast wake-
up frame will wake-up the device despite the state
of the Disable Broadcast Frame (BCAST) bit in the
MAC_CR—MAC Control Register.”
Section 5.4.12, "WUCSR—
Wake-up Control and Status
Register," on page 102
Fixed typo in bit 9: “... Mac Address [1:0] bit set to
0.” was changed to “...Mac Address [0] bit set to 0.”
Section 3.6.2, "RX
Checksum Calculation," on
page 24
“checksum = [B0, B1] + C0 + [B2, B3] + C1 + …
+ [0, BN] + CN-1” changed to “checksum = [B1,
B0] + C0 + [B3, B2] + C1 + … + [0, BN] + CN-1”
Section 2.2, “External Pull-
Up/Pull-Down Resistors
Added section. Added references to this section
throughout the pin description tables as applicable.
Rev. 2.1
(05-13-08)
Section 1.1, "Block
Diagram"
Removed the system memory block and arrow
above the microprocessor/ microcontroller
Rev. 1.92
(10-22-07)
2.0 Pin Description and
Configuration on page 8
Pin assignment information re-organized into
separate table.
EECLK pin description in
2.0 Pin Description and
Configuration on page 8
Note added to EECLK pin description to indicate
proper usage.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com