Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 137 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 137 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 133Page - Microchip Technology LAN9220 Datasheet HTML 134Page - Microchip Technology LAN9220 Datasheet HTML 135Page - Microchip Technology LAN9220 Datasheet HTML 136Page - Microchip Technology LAN9220 Datasheet HTML 137Page - Microchip Technology LAN9220 Datasheet HTML 138Page - Microchip Technology LAN9220 Datasheet HTML 139Page - Microchip Technology LAN9220 Datasheet HTML 140Page - Microchip Technology LAN9220 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 137
LAN9220
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002417A (03-31-17)
Replaces previous SMSC version Rev. 2.9 (03-01-12)
Note 3-11 on page 39
Changed from: "After any PHY reset, the
application must wait until the "Link Status" bit in
the PHY's "Basic Status Register" (PHY Reg. 1.2)
is set before attempting to transmit or receive
data."
To: "After any PHY reset, the application should
wait until the "Link Status" bit in the PHY's "Basic
Status Register" (PHY Reg. 1.2) is set before
attempting to transmit data, otherwise data written
to the TX FIFO will only be sent when the Link
Status returns to "Up"."
Rev. 2.9
(03-01-12)
Section 5.4.8, "FLOW—
Flow Control Register," on
page 100
Updated Pass Control Frames (bit 2) description to
“When set, the MAC will pass the pause frame to
the host...”
Rev. 2.8
(07-14-11)
Table 2-4, “System and
Power Signals,” on page 11
nLED1 description modified to indicate that the
signal is driven low when operating speed is
100Mbs and is driven high during autonegotiation,
when the cable is disconnected, and during 10
Mbs operation.
Section 5.2.1, "RX FIFO
Ports," on page 67
RX Data FIFO port is aliased to 16 WORD
locations, not 16 DWORD locations.
Section 5.2.2, "TX FIFO
Ports," on page 67
TX Data FIFO port is aliased to 16 WORD
locations, not 16 DWORD locations.
Section 3.6.3.1, "TX
Checksum Calculation," on
page 25
Added note stating TX Checksum calculation
should not be used for UDP packets under IPv6.
Rev. 2.7
(03-15-10)
Section 2.0, "Pin Description
and Configuration," on
page 8
Added pin 1 designator to pin diagram
Section 7.2, "Operating
Conditions**," on page 126
Added note: “Do not drive input signals without
power supplied to the device.”
Section 6.9, "Power
Sequence Timing," on
page 123
Added power sequence timing section
Rev. 2.5
(11-13-08)
All
Fixed various typos
Rev. 2.4
(10-24-08)
All
Fixed various typos
Table 7-1 on page 127 and
Table 7-2 on page 128
Added power consumption values.
Section 7.5, "Worst Case
Current Consumption," on
page 129
Updated with current consumption values for
various VDDVARIO values.
Section 7.6, "DC Electrical
Specifications," on page 130
Added input capacitance and input leakage values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com