| Electronic Components Datasheet Search |
|
CS43L36 Datasheet(PDF) 41 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L36 Datasheet(HTML) 41 Page - Cirrus Logic |
|
41 / 89 page ![]() DS1081F3 41 CS43L36 4.7 Headset Interface Minimize the SRCs’ lock time by programming the serial-port interface sample rates into the x_FS registers (see Section 7.13.1). If the rates are unknown, programming these registers to “don’t know” would likely increase lock times. Proper operation is not assured if sample rates are misprogrammed. 4.7 Headset Interface Split digital-power domains (VD_FILT and VP) within the headset interface support an ultralow-power standby mode where only the VP supply is used. An output signal may be used to tell the system to wake from its low-power state when a headset plug is inserted or removed. The interface may be reset by three types of resets with progressively less effect. Figure 4-23. Headset Interface Block Diagram The control port includes registers that source individually maskable interrupts. Event-change debouncing is used to filter applicable status registers. Latchable duplicate registers are used to pass information to the Standby Mode supply domain. 4.8 Plug Presence Detect The CS43L36 uses TIP_SENSE to detect plug presence. The sense pin is debounced to filter out brief events before being reported to the corresponding presence-detect bit and generating an interrupt if appropriate. 4.8.1 Plug Types The CS43L36 supports the following industry-standard plug types: • Tip–Ring–Sleeve (TRS)—Consists of a segmented metal barrel with the tip connector used for HPOUTA, a ring connector used for HPOUTB, and a sleeve connector used for HSGND. • Tip–Ring–Ring–Sleeve (TRRS)—Like TRS, with an additional ring connector for the mic connection. There are two common pinouts for TRRS plugs: — One uses the tip for HPOUTA, the first ring for HPOUTB, the second ring for HSGND, and the sleeve for mic. — The CS43L36 does not support OMTP, or China, headset, which swaps the third and fourth connections, so that the second ring carries mic and the sleeve carries HSGND. 4.8.2 Tip-Sense Methods The following methods are used to detect the presence or absence of a plug: • Tip sense (TS)—A sense pin is connected to a terminal on the receptacle such that, if no plug is inserted, the pin is floating. If a plug is inserted, the pin is shorted to the tip (T) terminal. The tip is sensed by having a small current source in the device pull up the pin if it is left floating (no plug). If a plug is inserted and the sense pin is shorted to HPOUTA, the sense TIP_SENSE –VCP_FILT GND VA VP Plug Detect Headset Interface Step-Down, Inverting Charge Pump Control Port INT WAKE RESET VA VP –VCP_FILT GND RESET LDO Regulator and POR Generator VL Power On Reset Control Port VL Logic RESET Level Shifters VD_FILT VD_FILT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |