Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L36 Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 77Page - Cirrus Logic CS43L36 Datasheet HTML 78Page - Cirrus Logic CS43L36 Datasheet HTML 79Page - Cirrus Logic CS43L36 Datasheet HTML 80Page - Cirrus Logic CS43L36 Datasheet HTML 81Page - Cirrus Logic CS43L36 Datasheet HTML 82Page - Cirrus Logic CS43L36 Datasheet HTML 83Page - Cirrus Logic CS43L36 Datasheet HTML 84Page - Cirrus Logic CS43L36 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
DS1081F3
81
CS43L36
8 PCB Layout Considerations
8 PCB Layout Considerations
The following sections provide general guidelines for PCB layout to ensure the best performance of the CS43L36.
8.1 Power Supply
As with any high-resolution converter, to realize its potential, the CS43L36 requires careful attention to power supply and
grounding arrangements. Fig. 2-1 shows the recommended power arrangements, with VA and VCP connected to clean
supplies. VL, which powers the digital circuitry, may be run from the system logic supply. Alternatively, VL may be powered
from the analog supply via a ferrite bead. In this case, no additional devices should be powered from VL.
8.2 Grounding
Note the following:
• Extensive use of power and ground planes, ground-plane fill in unused areas, and surface-mount decoupling
capacitors are recommended.
• Decoupling capacitors should be as close as possible to the CS43L36 pins.
• To minimize inductance effects, the low-value ceramic capacitor must be closest to the pin and mounted on the
same side of the board as the CS43L36.
• To avoid unwanted coupling into the modulators, all signals, especially clocks, must be isolated from the FILT+ pin.
• The FILT+ capacitor must be positioned to minimize the electrical path from the pin to GNDA.
• The +VCP_FILT and –VCP_FILT capacitors must be positioned to minimize the electrical path from each respective
pin to GNDCP.
8.3 QFN Thermal Pad
The CS43L36 comes in a compact QFN package, the underside of which reveals a large metal pad that serves as a
thermal relief to provide maximum heat dissipation. This pad must mate with a matching copper pad on the PCB and must
be electrically connected to ground. A series of vias should be used to connect this copper pad to one or more larger
ground planes on other PCB layers. For best performance in split-ground systems, connect this thermal to GNDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com