Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L36 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 54Page - Cirrus Logic CS43L36 Datasheet HTML 55Page - Cirrus Logic CS43L36 Datasheet HTML 56Page - Cirrus Logic CS43L36 Datasheet HTML 57Page - Cirrus Logic CS43L36 Datasheet HTML 58Page - Cirrus Logic CS43L36 Datasheet HTML 59Page - Cirrus Logic CS43L36 Datasheet HTML 60Page - Cirrus Logic CS43L36 Datasheet HTML 61Page - Cirrus Logic CS43L36 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
DS1081F3
58
CS43L36
6.12 AudioPort Interface Registers
6.12 AudioPort Interface Registers
6.13 SRC Registers
6.14 Serial Port Receive Registers
0x04–0x7F Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x25—AudioPort Interface Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
100101
0x01
Serial Port Receive
Channel Select
—
SP_RX_CHB_SEL
SP_RX_CHA_SEL
p. 77
00
000100
0x02
Serial Port Receive
Isochronous Control
—SP_RX_
RSYNC
SP_RX_NSB_POS
SP_RX_NFS_
NSBB
SP_RX_ISOC_MODE
p. 77
00
000100
0x03
Serial Port Receive
Sample Rate
—
SP_RX_FS
p. 78
10
001100
0x04–0x7F Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x26—SRC Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
100110
0x01
SRC Input Sample
Rate
—
SRC_SDIN_FS
p. 78
01
000000
0x02–0x08 Reserved
—
xxxx
xxxx
0x09–0x7F Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x2A—Serial Port Receive Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
101010
0x01
ASP Receive DAI0
Enable
—
ASP_RX0_CH_EN
—
p. 78
00
000000
0x02
ASP Receive DAI0
Channel 1 Phase and
Resolution
—
ASP_RX0_
CH1_AP
—
ASP_RX0_CH1_RES
p. 78
00
000011
0x03
ASP Receive DAI0
Channel 1 Bit Start
MSB
—
ASP_RX0_
CH1_BIT_ST_
MSB
p. 79
00
000000
0x04
ASP Receive DAI0
Channel 1 Bit Start
LSB
ASP_RX0_CH1_BIT_ST_LSB
p. 79
00
000000
0x05
ASP Receive DAI0
Channel 2 Phase and
Resolution
—
ASP_RX0_
CH2_AP
—
ASP_RX0_CH2_RES
p. 79
00
000011
0x06
ASP Receive DAI0
Channel 2 Bit Start
MSB
—
ASP_RX0_
CH2_BIT_ST_
MSB
p. 79
00
000000
0x07
ASP Receive DAI0
Channel 2 Bit Start
LSB
ASP_RX0_CH2_BIT_ST_LSB
p. 79
00
000000
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x23—Mixer Volume Registers
Address
Function
7
6
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com