Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L36 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 64Page - Cirrus Logic CS43L36 Datasheet HTML 65Page - Cirrus Logic CS43L36 Datasheet HTML 66Page - Cirrus Logic CS43L36 Datasheet HTML 67Page - Cirrus Logic CS43L36 Datasheet HTML 68Page - Cirrus Logic CS43L36 Datasheet HTML 69Page - Cirrus Logic CS43L36 Datasheet HTML 70Page - Cirrus Logic CS43L36 Datasheet HTML 71Page - Cirrus Logic CS43L36 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
DS1081F3
68
CS43L36
7.4 Interrupt Registers
7.4.4
DAC Interrupt Status
Address 0x1308
R/O
76
54
32
1
0
PDN_DONE
Default
00
00
00
0
x
Bits
Name
Description
7:1
Reserved
0
PDN_
DONE
Power-down done. Indicates when the DAC has powered down and MCLK can be stopped, as determined by various
power-control and headset-interface register settings.
0 Not completely powered down
1 Powered down as a result of PDN_ALL having been set.
7.4.5
Detect Interrupt Status 1
Address 0x1309
R/O
7
6
5
4
32
10
TIP_SENSE_PLUG TIP_SENSE_UNPLUG
Default
x
x
x
x
xx
xx
Bits
Name
Description
7—
Reserved
6
TIP_SENSE_PLUG
Tip sense plug event. Indicates the undebounced status of a plug event on the TIP_SENSE pin.1
0 No HP plug event
1 HP plug event
1. It is active only if TIP_SENSE_CTRL (p. 74) is configured so the tip-sense circuit is powered up. If the system is configured for standby operation,
the sticky version of this bit (that also accounts for events that occurred during standby) can be read back after a wake event.
5
TIP_SENSE_UNPLUG
Tip sense unplug event. Indicates the undebounced status of an unplug event on the TIP_SENSE pin.1
0 (Default) No HP unplug event
1 HP unplug event
4:0
Reserved
7.4.6
SRC Partial Lock Interrupt Status
Address 0x130B
R/O
76543210
DAC_UNLK
DAC_LK
Default
xxxxxxxx
Bits
Name
Description
7—
Reserved
6
DAC_UNLK
ASP input SRC unlock status.
0 Locked
1 Unlocked
5:3
Reserved
2
DAC_LK
ASP input partial SRC lock status.
0 Unlocked
1 Locked
1:0
Reserved
7.4.7
VP Monitor Interrupt Status
Address 0x130D
R/O
76543210
VPMON_TRIP
Default
000000
0
x
Bits
Name
Description
7:1
Reserved
0
VPMON_TRIP VP monitor interrupt. If the VP power supply falls below 2.6 V, this bit is set. See Section 4.9.1 for details.
0No interrupt
1 Interrupt detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com