Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L36 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 62Page - Cirrus Logic CS43L36 Datasheet HTML 63Page - Cirrus Logic CS43L36 Datasheet HTML 64Page - Cirrus Logic CS43L36 Datasheet HTML 65Page - Cirrus Logic CS43L36 Datasheet HTML 66Page - Cirrus Logic CS43L36 Datasheet HTML 67Page - Cirrus Logic CS43L36 Datasheet HTML 68Page - Cirrus Logic CS43L36 Datasheet HTML 69Page - Cirrus Logic CS43L36 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
DS1081F3
66
CS43L36
7.3 Clocking Registers
7.3.7
ASP Frame Configuration
Address 0x1208
R/W
76543210
ASP_STP
ASP_5050
ASP_FSD
Default
000100
00
Bits Name
Description
7:5
Reserved
4ASP_
STP
ASP start phase. Controls which LRCK/FSYNC phase starts a frame. See Section 4.5.5 for details.
0 The frame begins when LRCK/FSYNC transitions from high to low
1 (Default) The frame begins when LRCK/FSYNC transitions from low to high
3ASP_
5050
ASP LRCK fixed 50/50 duty cycle. Determines whether the duty cycle is fixed or programmable. See Section 4.5.5 for details.
0 (Default) Programmable duty cycle. Determined by FSYNC_PULSE_WIDTH_LB (see p. 64), FSYNC_PULSE_WIDTH_
UB, and FSYNC_PERIOD_xSB (see p. 65).
1 50/50 Mode. Fixed 50% duty cycle
2:0
ASP_
FSD
ASP frame-start delay. Determines the delay before the start of an ASP frame in ASP_SCLK periods. See Section 4.5.2.
000 (Default) 0 delay
001 0.5 delay
010 1.0 delay …
101 2.5 delay
110–111 Reserved
7.3.8
FS Rate Enable
Address 0x1209
R/W
7
65432
10
FS_EN
Default
0
0000000
Bits Name
Description
7:3
Reserved
2:0 FS_EN Fs rate enable. Provides enables for all internally generated Fs rates. 0 = disabled; 1 = enabled. Section 4.6 gives details.
FS_EN[0] Enable IASRC 96K and lower rates.
FS_EN[2] Enable IASRC 192, 176.4, and 176.471 K rates
00 (Default) All disabled
7.3.9
Input ASRC Clock Select
Address 0x120A
R/W
7
6
5
43210
CLK_IASRC_SEL
Default
0
0
0
00000
Bits
Name
Description
7:2
Reserved
1:0
CLK_IASRC_
SEL
Input ASRC clock select. Selects input ASRC MCLKINT frequency. See Section 4.6 for programming details.
00 (Default) 6 MHz
01 12 MHz
10 24 MHz
11 Reserved
7.3.10 PLL Divide Configuration 1
Address 0x120C
R/W
765
43210
PLL_REF_INV
SCLK_PREDIV
Default
00
000000
Bits
Name
Description
7:3
Reserved
2
PLL_REF_
INV
Invert PLL reference clock. See Table 4.4.3 for programming guidelines.
0 (Default) Normal
1Inverted
1:0
SCLK_
PREDIV
PLL reference divide select. See Table 4.4.3 for programming guidelines.
00 (Default) Divide by 1
01 Divide by 2
10 Divide by 4
11 Divide by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com