Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L36 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 58Page - Cirrus Logic CS43L36 Datasheet HTML 59Page - Cirrus Logic CS43L36 Datasheet HTML 60Page - Cirrus Logic CS43L36 Datasheet HTML 61Page - Cirrus Logic CS43L36 Datasheet HTML 62Page - Cirrus Logic CS43L36 Datasheet HTML 63Page - Cirrus Logic CS43L36 Datasheet HTML 64Page - Cirrus Logic CS43L36 Datasheet HTML 65Page - Cirrus Logic CS43L36 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 89 page
background image
DS1081F3
62
CS43L36
7.2 Power Down and Headset Detects
7.2 Power Down and Headset Detects
2:0
ACC_
TO_SEL
APB access timeout select. Determines the timeout duration in MCLKs.
000 7 MCLKs
001 15 MCLKs
010 31 MCLKs
011 63 MCLKs
100 127 MCLKs
101 255 MCLKs
110 511 MCLKs
111 (Default) 65,535 MCLKs
7.2.1
Power Down Control 1
Address 0x1101
R/W
765
43210
—
ASP_DAI_PDN
MIXER_PDN
—
HP_PDN
—
PDN_ALL
Default
11
111111
Bits
Name
Description
7—
Reserved
6
ASP_
DAI_
PDN
ASP DAI0 input path power down. Configures ASP DAI0 SDIN path power state.
0 Powered up
1 (Default) Powered down. Setting this bit does not tristate the serial port clock.
5
MIXER_
PDN
Mixer power down. Configures the mixer power state.
0 The mixer is powered up.
1 (Default) The mixer is powered down.
4—
Reserved
3
HP_
PDN
HPOUTx power down
0 The HP driver and DACx are powered up.
1 (Default) The HP driver and DACx are powered down.
2:1
—
Reserved
0
PDN_
ALL
DAC power down. Configures the entire DAC’s power state except for PLL_START. After power up (PDN_ALL: 1
 0),
individual subblocks are powered according to power-control programming. This bit is affected by LATCH_TO_VP (see p. 74).
Note: The SRC power-down state depends on the SRC_PDN_OVERRIDE setting (see p. 62).
0 Powered up, per the individual x_PDN controls
1 (Default) Powered down. PDN_ALL must not be set without first enabling LATCH_TO_VP. After PDN_ALL is set and the
entire DAC is powered down, PDN_DONE is set, indicating that SCLK can be removed.
7.2.2
Power Down Control 2
Address 0x1102
R/W
765
43210
—
DISCHARGE_
FILT+
SRC_PDN_
OVERRIDE
—
DAC_SRC_
PDNB
—
Default
10
000100
Bits
Name
Description
7:5
—
Reserved
4
DISCHARGE_
FILT+
Discharge FILT+ capacitor. Configures the state of the FILT+ pin internal clamp. Before setting this bit, ensure that the
VD_FILT device input is connected to a supply, as shown in Table 3-2.
0 (Default) FILT+ is not clamped to ground.
1 FILT+ is clamped to ground. This must be set only if PDN_ALL = 1. Discharge time with an external 2.2-µF
capacitor on FILT+ is ~46 ms.
3
SRC_PDN_
OVERRIDE
SRC power down override. Configures the SRCs’ power states.
0 (Default) Power state control for the DAC SRCs, which are controlled by the following smart logic:
• DAC SRCs are off if SRC_BYPASS_DAC = 1.
• • If PDN_ALL = 1, all SRCs are off.
• If PDN_ALL = 0 and the respective DAC bypass bits = 0, the following controls each SRC’s power state:
–If DAI0 is enabled, the DAC SRCs are powered up.
1 DAC SRCs are controlled by DAC_SRC_PDNB.
2—
Reserved
1
DAC_SRC_
PDNB
DAC SRC power down. Configures the DAC ASP power state if SRC_PDN_OVERRIDE = 1.
0 (Default) Power down
1 Power up audio DAC SRC only
0—
Reserved
Bits Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com