Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-IPM Datasheet(PDF) 8 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 8 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 4Page - Linear Technology LTP5901-IPM Datasheet HTML 5Page - Linear Technology LTP5901-IPM Datasheet HTML 6Page - Linear Technology LTP5901-IPM Datasheet HTML 7Page - Linear Technology LTP5901-IPM Datasheet HTML 8Page - Linear Technology LTP5901-IPM Datasheet HTML 9Page - Linear Technology LTP5901-IPM Datasheet HTML 10Page - Linear Technology LTP5901-IPM Datasheet HTML 11Page - Linear Technology LTP5901-IPM Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
8
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
TeMperaTure sensor characTerisTics The
l
denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Offset
Temperature Offset Error at 25°C
±0.25
°C
Slope Error
±0.033
°C/°C
analog inpuT chain characTerisTics The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Variable Gain Amplifier
Gain
Gain Error
1
8
2
%
DNL
Offset-Digital to Analog Converter (DAC)
Full-Scale
Resolution
Differential Non-Linearity
1.80
4
2.7
V
Bits
mV
DNL
INL
Analog to Digital Converter (ADC)
Full-Scale, Signal
Resolution
Offset
Differential Non-Linearity
Integral Non-Linearity
Settling Time
Conversion Time
Current Consumption
Mid-Scale
10kΩ Source Impedance
1.80
1.8
1.4
40
12
1
1
10
20
V
mV
LSB
LSB
LSB
µs
µs
µA
Analog Inputs (Note 9)
Load
Series Input Resistance
20
1
pF
kΩ
sysTeM characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Doze to Active State Transition
5
µs
Doze to Radio Tx or Rx
1.2
ms
QCCA
Charge to Sample RF Channel RSSI
Charge Consumed Starting from Doze State
and Completing an RSSI Measurement
4
µC
QMAX
Largest Atomic Charge Operation
Flash Erase, 21ms Max Duration
l
200
µC
RESETn Pulse Width
l
125
µs
Total Capacitance
Note 13
l
6
µF
Total Inductance
Note 13
l
3
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com