Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-IPM Datasheet(PDF) 25 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 25 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 21Page - Linear Technology LTP5901-IPM Datasheet HTML 22Page - Linear Technology LTP5901-IPM Datasheet HTML 23Page - Linear Technology LTP5901-IPM Datasheet HTML 24Page - Linear Technology LTP5901-IPM Datasheet HTML 25Page - Linear Technology LTP5901-IPM Datasheet HTML 26Page - Linear Technology LTP5901-IPM Datasheet HTML 27Page - Linear Technology LTP5901-IPM Datasheet HTML 28Page - Linear Technology LTP5901-IPM Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
25
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
operaTion
SUPPLY MONITORING AND RESET
Eterna integrates a Power-on Reset (PoR) circuit. As the
RESETn input pin is nominally configured with an internal
pull-up resistor, no connection is required. For a graceful
shutdown, the software and the networking layers should
be cleanly halted via API commands prior to assertion of
the RESETn pin. See the SmartMesh IP Mote API Guide
for details on the disconnect and reset commands. Eterna
includes a soft brown-out monitor that fully protects the
flash from corruption in the event that power is removed
while writing to flash. Integrated flash supervisory func-
tionality, in conjunction with a fault tolerant file system,
yields a robust nonvolatile storage solution.
PRECISION TIMING
A major feature of Eterna over competing 802.15.4 prod-
uct offerings is its low-power dedicated timing hardware
and timing algorithms. This functionality provides timing
precision two to three orders of magnitude better than
any other low-power solution available at the time of
publication. Improved timing accuracy allows motes to
minimize the amount of radio listening time required to
ensure packet reception thereby lowering even further
the power consumed by SmartMesh networks. Eterna’s
patented timing hardware and timing algorithms provide
superior performance over rapid temperature changes,
further differentiating Eterna’s reliability when compared
with other wireless products. In addition, precise timing
enables networks to reduce spectral dead time, increasing
total network throughput.
APPLICATION TIME SYNCHRONIzATION
In addition to coordinating time slots across the network,
which is transparent to the user, Eterna’s timing manage-
mentisusedtosupporttwomechanismstosharenetwork
time. Having an accurate, shared, network-wide time base
enables events to be accurately time stamped or tasks to
be performed in a synchronized fashion across a network.
Eterna will send a time packet through its serial interface
when one of the following occurs:
n
Eterna receives an API request to read time
n
The TIMEn signal is asserted
The use of TIMEn has the advantage of being more accu-
rate. The value of the timestamp is captured in hardware
relative to the rising edge of TIMEn. If an API request is
used,duetopacketprocessing,thevalueofthetimestamp
may be captured several milliseconds after receipt of
the packet due to packet processing. See the TIMEn AC
Characteristics section for the time function’s definition
and specifications.
TIME REFERENCES
Eterna includes three clock sources: an internal relaxation
oscillator, a low power oscillator designed for a 32.768kHz
crystal, and the radio reference oscillator designed for a
20MHz crystal.
Relaxation Oscillator
The relaxation oscillator is the primary clock source
for Eterna, providing the clock for the CPU, memory
subsystems, and all peripherals. The internal relaxation
oscillator is dynamically calibrated to 7.3728 MHz. The
internal relaxation oscillator typically starts up in a few
μs, providing an expedient, low energy method for duty
cyclingbetweenactiveandlowpowerstates.Quickstart-up
from the doze state, defined in the State Diagram section,
allows Eterna to wake up and receive data over the UART
and SPI interfaces by simply detecting activity on the
appropriate signals.
32.768kHz Crystal
Once Eterna is powered up and the 32.768kHz crystal
source has begun oscillating, the 32.768kHz crystal re-
mains operational while in the active state, and is used as
the timing basis when in doze state. See the State Diagram
section for a description of Eterna’s operational states.
20MHz Crystal
The 20 MHz crystal source provides a frequency reference
for the radio, and is automatically enabled and disabled
by Eterna as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com