Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-IPM Datasheet(PDF) 24 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 24 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 20Page - Linear Technology LTP5901-IPM Datasheet HTML 21Page - Linear Technology LTP5901-IPM Datasheet HTML 22Page - Linear Technology LTP5901-IPM Datasheet HTML 23Page - Linear Technology LTP5901-IPM Datasheet HTML 24Page - Linear Technology LTP5901-IPM Datasheet HTML 25Page - Linear Technology LTP5901-IPM Datasheet HTML 26Page - Linear Technology LTP5901-IPM Datasheet HTML 27Page - Linear Technology LTP5901-IPM Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
24
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
Figure 13. Eterna Block Diagram
4-BIT
DAC
VGA
BPF
PPF
AGC
LPF
ADC
DAC
PLL
RSSI
LNA
PA
20MHz
32kHz
32kHz, 20MHz
PTAT
59012ipm F13
BAT
LOAD
LIMITER
VOLTAGE REFERENCE
ANALOG CORE
DIGITAL CORE
CORE REGULATOR
CLOCK REGULATOR
ANALOG REGULATOR
PA
DC/DC
CONVERTER
PRIMARY
DC/DC
CONVERTER
RELAXATION
OSCILLATOR
PoR
TIMERS
SCHED
SRAM
72kB
FLASH
512kB
FLASH
CONTROLLER
CODE
AES
AUTO
MAC
802.15.4
MOD
802.15.4
FRAMING
DMA
IPCS
SPI
SLAVE
CLI
UART
(2-PIN)
API
UART
(6-PIN)
ADC
CTRL
802.15.4
DEMOD
SYSTEM
PMU/
CLOCK
CONTROL
10-BIT
ADC
operaTion
TheLTP5901-IPM/LTP5902-IPMistheworld’smostenergy
efficient IEEE 802.15.4 compliant platform, enabling bat-
tery and energy harvested applications. With a powerful
32-bit ARM Cortex-M3, best-in-class radio, flash, RAM
and purpose-built peripherals, Eterna provides a flexible,
scalable and robust networking solution for applications
demandingminimalenergyconsumptionanddatareliability
in even the most challenging RF environments.
Shown in Figure 13, Eterna integrates purpose-built
peripherals that excel in both low operating-energy con-
sumption and the ability to rapidly and precisely cycle
between operating and low-power states. Items in the
gray shaded region labeled Analog Core correspond to
the analog/RF components.
POWER SUPPLY
Eterna is powered from a single pin, VSUPPLY, which
powers the I/O cells and is also used to generate internal
supplies.Eterna’stwoon-chipDC/DCconvertersminimize
Eterna’s energy consumption while the device is awake. To
conserve power the DC/DC converters are disabled when
the device is in low power state. Eterna’s power supply
conditioningarchitecture,includingthetwointegratedDC/
DC converters and three integrated low dropout regula-
tors, provides excellent rejection of supply noise. Eterna’s
operating supply voltage range is high enough to support
direct connection to lithium-thionyl chloride (Li-SOCl2)
sources and wide enough to support battery operation
over a broad temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com