Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-IPM Datasheet(PDF) 33 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 33 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 28Page - Linear Technology LTP5901-IPM Datasheet HTML 29Page - Linear Technology LTP5901-IPM Datasheet HTML 30Page - Linear Technology LTP5901-IPM Datasheet HTML 31Page - Linear Technology LTP5901-IPM Datasheet HTML 32Page - Linear Technology LTP5901-IPM Datasheet HTML 33Page - Linear Technology LTP5901-IPM Datasheet HTML 34Page - Linear Technology LTP5901-IPM Datasheet HTML 35Page - Linear Technology LTP5901-IPM Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
33
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
package DescripTion
Please refer to http://www.linear.com/product/LTP5901#packaging for the most recent package drawings.
PC Package
66-Lead PCB (24mm × 42mm)
(Reference LTC DWG # 05-08-10002 Rev A)
R.010
0.25
TYP
.039
1.00
TYP
.039
1.00
4X
.035
0.90
.039
1.00
0
0.00
.08
2.00
.039
1.00
.039
1.00
.079
2.00
1.102
28.00
1.063
27.00
1.031
26.20
1.122
28.50
1.213
30.80
1.57
40.00
.039
1.00
1.654
42.00
.100
2.54
.039
1.00
.945
24.00
A
1
2
3
B
APPD:
APPD:
PROD REL DATE:
PROJ MGR:
CHK:
DRN BY:
4
5
6
DO NOT SCALE DWG
OF
7
8
SCALE
TITLE
DIMENSIONS ARE IN INCHES
ENGRG MGR:
FINISH:
D
SIZE
±
MATERIAL:
TOLERANCES
2 PLC
±
±
ANGLES
3 PLC
APPROVALS
DATE:
UNLESS OTHERWISE SPECIFIED
PROJECTION
DWG NO.
REV.
SHEET
A
C
D
1
2
3
C
4
5
6
DESCRIPTION
REV
ZONE
D
APPROVED
DATE
7
REVISIONS
8
RWB
1/27/13
061-0167
A
1/1
1
1
.01
.005
0°30'
CHECKER
APPD.
APPROVED
PROGRAM MGR:
A
RELEASE PER ECO 001203
1/29/13
RWB
PCA OUTLINE DRAWING,
LTP 5901
30695 HUNTWOOD AVE,
HAYWARD, CA 94544
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF LINEAR INCORPORATED. ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT THE WRITTEN PERMISSION
OF LINEAR INCORPORATED IS PROHIBITED.
PROPRIETARY AND CONFIDENTIAL
LTP5901 Mechanical Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com