Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-IPM Datasheet(PDF) 4 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 4 Page - Linear Technology

  LTP5901-IPM Datasheet HTML 1Page - Linear Technology LTP5901-IPM Datasheet HTML 2Page - Linear Technology LTP5901-IPM Datasheet HTML 3Page - Linear Technology LTP5901-IPM Datasheet HTML 4Page - Linear Technology LTP5901-IPM Datasheet HTML 5Page - Linear Technology LTP5901-IPM Datasheet HTML 6Page - Linear Technology LTP5901-IPM Datasheet HTML 7Page - Linear Technology LTP5901-IPM Datasheet HTML 8Page - Linear Technology LTP5901-IPM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
4
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
absoluTe MaxiMuM raTings
Supply Voltage on VSUPPLY..................................4.20V
Input Voltage on AI_0/1/2/3 Inputs........................1.98V
Voltage on Any Digital
I/O pin.................................... –0.3V to VSUPPLY + 0.3V
Input RF Level.................................................... +10dBm
Storage Temperature Range (Note 3)..... –55°C to 105°C
Operating Temperature Range
LTP5901I/LPT5902I.............................–40°C to 85°C
CAUTION: This part is sensitive to electrostatic discharge
(ESD). It is very important that proper ESD precautions be
observedwhenhandlingtheLTP5901-IPM/LTP5902-IPM.
Pin functions shown in italics are currently not supported in software.
pin conFiguraTion
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
GND
RESERVED
NC
GPIO17
GPIO18
GPIO19
AI_2
AI_1
AI_3
AI_0
GND
RESERVED
NC
NC
RESETn
TDI
TDO
TMS
TCK
GND
DP4 (GPIO23)
RESERVED
RESERVED
RESERVED
DP3 (GPIO22) / TIMER8_IN
DP2 (GPIO21) / LPTIMER_IN
SLEEPn / GPIO14
DP0 (GPIO0) / SPIM_SS_2n
NC
GND
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
GND
NC
RADIO_INHIBIT / GPIO15
TIMEn / GPIO1
UART_TX
UART_TX_CTSn
UART_TX_RTSn
UART_RX
UART_RX_CTSn
UART_RX_RTSn
GND
VSUPPLY
RESERVED
NC
NC
FLASH_P_ENn / GPIO2
SPIS_SSn / SDA
SPIS_SCK / SCL
SPIS_MOSI / GPIO26 / UARTC1_RX
SPIS_MISO / 1_WIRE / UARTC1_TX
PWM0 / GPIO16
DP1 (GPIO20) / TIMER16_IN
SPIM_SS_0n / GPIO12
SPIM_SS_1n / GPIO13
GND
SPIM_SCK / GPIO9
SPIM_MOSI / GPIO10
IPCS_SSn / GPIO3
SPIM_MISO / GPIO11
GND
PC PACKAGE
66-LEAD PCB
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com