Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-IPM Datasheet(PDF) 23 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 23 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 19Page - Linear Technology LTP5901-IPM Datasheet HTML 20Page - Linear Technology LTP5901-IPM Datasheet HTML 21Page - Linear Technology LTP5901-IPM Datasheet HTML 22Page - Linear Technology LTP5901-IPM Datasheet HTML 23Page - Linear Technology LTP5901-IPM Datasheet HTML 24Page - Linear Technology LTP5901-IPM Datasheet HTML 25Page - Linear Technology LTP5901-IPM Datasheet HTML 26Page - Linear Technology LTP5901-IPM Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
23
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
pin FuncTions
VSUPPLY: System and I/O Power Supply. Provides power
to the module. The digital-interface I/O voltages are also
set by this voltage.
ANTENNA: Multiplexed Receiver Input and Transmitter
Output Pin. The impedance presented to the MMCX con-
nectorshouldbe50Ω,single-endedwithrespecttoground.
AI_0, AI_1, AI_2, AI_3: Analog Inputs. These pins are
multiplexed to the analog input chain. The analog input
chain, as shown in Figure 12, is software-configurable
and includes a variable-gain amplifier, an offset-DAC for
adjusting input range, and a 10-bit ADC. Valid input range
is between 0V to 1.8V. Analog inputs can be sampled as
described in section Signal/Data Acquisition and Control.
UART_RX,UART_RX_RTSn,UART_RX_CTSn,UART_TX,
UART_TX_RTSn,UART_TX_CTSn:TheAPIUARTinterface
includes bidirectional wake up and flow control. Unused
inputsignalsmustbedrivenorpulledtotheirinactivestate.
TIMEn: Strobing the TIMEn input is the most accurate
method to acquire the network time maintained by Eterna.
Eterna latches the network time stamp with sub-micro-
second resolution on the rising edge of the TIMEn signal
and produces a packet on the API serial port containing
the timing information.
UARTC0_RX, UARTC0_TX: The CLI UART provides a
mechanism for monitoring, configuration and control of
Eterna during operation. For a complete description of
the supported commands see the SmartMesh IP Mote
CLI Guide.
GPIO0, GPIO3 to GPIO6, GPIO9 to GPIO13, GPIO16,
GPIO20 to GPIO23, GPIO26: General purpose I/Os that
can be sampled or driven as described in the On-Chip
Software Development Kit (On-Chip SDK).
FLASH_P_ENn, IPCS_SSn, IPCS_SCK, IPCS_MISO,
IPCS_SSn: The In-Circuit Programming Control System
(IPCS)busenablesin-circuitprogrammingofEterna’sflash
memory. IPCS_SCK is a clock and should be terminated
appropriately for the driving source to prevent overshoot
and ringing.
SPIM_CLK, SPIM_MISO, SPIM_MOSI, SPIM_SS_0n,
SPIM_SS_1n, SPIM_SS_4n: The SPI Master bus with
support for up to three SPI slave devices, via the On-Chip
Software Development Kit (On-Chip SDK) provides an
interface to SPI peripheral slave devices. The SPI interface
is synchronous to SPIM_CLK, which should be treated as
a clock signal and terminated appropriately .
1-WIRE: The 1-Wire master clock/data/power signal. See
the On-Chip Software Development Kit (On-Chip SDK) for
details on operating the 1-Wire Master controller.
SCL, SDA: The I2C bus SCL and SDA should be externally
pulled to VSUPPLY with a 10k resistor. See the On-Chip
Software Development Kit (On-Chip SDK) for details on
operating the 1-Wire Master controller.
Figure 12. Analog Input Chain
59012ipm F12
ANALOG INPUT
3-BIT
VGA
+
4-BIT DAC
10-BIT ADC
RESETn:Theasynchronousresetsignalisinternallypulled
up. Resetting Eterna will result in the ARM Cortex M3
rebooting and loss of network connectivity. Use of this
signal for resetting Eterna is not recommended, except
during power-on and in-circuit programming.
RADIO_INHIBIT: RADIO_INHIBIT provides a mechanism
foranexternaldevicetotemporarilydisable radiooperation.
Failure to observe the timing requirements defined in the
RADIO_INHIBIT AC Characteristics section, may result
in unreliable network operation. In designs where the
RADIO_INHIBIT function is not needed the input must
either be tied, pulled or actively driven low to avoid excess
leakage.
TMS, TCK, TDI, TDO: JTAG Port Supporting Software
Debug and Boundary Scan.
SLEEPn: The SLEEPn function is not currently supported
in software. The SLEEPn input must either be tied, pulled
or actively driven high to avoid excess leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com