Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-IPM Datasheet(PDF) 28 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 28 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 24Page - Linear Technology LTP5901-IPM Datasheet HTML 25Page - Linear Technology LTP5901-IPM Datasheet HTML 26Page - Linear Technology LTP5901-IPM Datasheet HTML 27Page - Linear Technology LTP5901-IPM Datasheet HTML 28Page - Linear Technology LTP5901-IPM Datasheet HTML 29Page - Linear Technology LTP5901-IPM Datasheet HTML 30Page - Linear Technology LTP5901-IPM Datasheet HTML 31Page - Linear Technology LTP5901-IPM Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
28
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
operaTion
Once software has been loaded, devices can be configured
via either the CLI or API ports. Configuration commands
and settings are defined in SmartMesh IP Mote API Guide
and SmartMesh IP Mote CLI Guide.
FLASH DATA RETENTION
Eterna contains internal flash (nonvolatile memory) to
store calibration results, unique ID, configuration settings
and software images. Flash retention over the operating
temperature range. See Electrical Characteristics and
Absolute Maximum Ratings sections.
Non destructive storage above the operating temperature
range of –40°C to 85°C is possible; although, this may
result in a degradation of retention characteristics.
The degradation in flash retention for temperatures >85°C
can be approximated by calculating the dimensionless
acceleration factor using the following equation.
AF
=e
Ea
k
•
1
TUSE+273
−
1
TSTRESS+273
Where:
AF = acceleration factor
Ea = activation energy = 0.6eV
k = 8.625 • 10–5eV/°K
TUSE = is the specified temperature retention in °C
TSTRESS = actual storage temperature in °C
Example: Calculate the effect on retention when storing
at a temperature of 105°C.
TSTRESS = 105°C
TUSE = 85°C
AF = 2.8
So the overall retention of the flash would be degraded
by a factor of 2.8, reducing data retention from 20 years
at 85°C to 7.1 years at 105°C.
STATE DIAGRAM
In order to provide capabilities and flexibility in addition
to ultralow power, Eterna operates in various states, as
shown in Figure 11. Eterna State Diagram and described
in this section. State transitions shown in red are not
recommended.
Start-Up
Start-up occurs as a result of either crossing the power-on
reset threshold or asserting RESETn. After the completion
of power-on reset or the falling edge of an internally
synchronized RESETn, Eterna loads its fuse table which,
as described in the previous section, includes setting
I/O direction. In this state, Eterna checks the state of
the FLASH_P_ENn and RESETn and enters the serial
flash emulation mode if both signals are asserted. If the
FLASH_P_ENn pin is not asserted but RESETn isasserted,
Eterna automatically reduces its energy consumption to
a minimum until RESETn is released. Once RESETn is
de-asserted, Eterna goes through a boot sequence, and
then enters the active state.
Serial Flash Emulation
When both RESETn and FLASH_P_ENn are asserted,
Eterna disables normal operation and enters a mode to
emulate the operation of a serial flash. In this mode, its
flash can be programmed.
Operation
Once Eterna has completed start-up, Eterna transitions to
the operational group of states (active/CPU active, active/
CPU inactive, and Doze). There, Eterna cycles between the
various states, automatically selecting the lowest pos-
sible power state while fulfilling the demands of network
operation.
Active State
In the active state, Eterna’s relaxation oscillator is running
andperipheralsareenabledasneeded.TheARMCortex-M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com