Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-IPM Datasheet(PDF) 29 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 29 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 25Page - Linear Technology LTP5901-IPM Datasheet HTML 26Page - Linear Technology LTP5901-IPM Datasheet HTML 27Page - Linear Technology LTP5901-IPM Datasheet HTML 28Page - Linear Technology LTP5901-IPM Datasheet HTML 29Page - Linear Technology LTP5901-IPM Datasheet HTML 30Page - Linear Technology LTP5901-IPM Datasheet HTML 31Page - Linear Technology LTP5901-IPM Datasheet HTML 32Page - Linear Technology LTP5901-IPM Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
29
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
Figure 15. Eterna State Diagram
LOAD FUSE
SETTINGS
RESETn LOW AND
FLASH_P_ENn HIGH
RESETn HIGH
AND
FLASH_P_ENn
HIGH
RESET
DEASSERT
RESETn
CPU AND
PERIPHERALS
INACTIVE
HW OR PMU EVENT
BOOT
START-UP
OPERATION
INACTIVE
DOZE
DEEP SLEEP
LOW POWER SLEEP
COMMAND
59012ipm F15
ASSERT RESETn
ASSERT RESETn
ASSERT RESETn
CPU
ACTIVE
CPU
INACTIVE
POWER-ON
RESET
RESETn LOW AND
FLASH_P_ENn LOW
SET RESETn HIGH AND
FLASH_P_ENn HIGH
FOR 125µs, THEN
SET RESETn LOW
VSUPPLY > PoR
ACTIVE
SERIAL FLASH
EMULATION
operaTion
cycles between CPU-active and CPU-inactive (referred
to in the ARM Cortex-M3 literature as sleep now mode).
Eterna’s extensive use of DMA and intelligent peripherals
that independently move Eterna between active state and
doze state minimizes the time the CPU is active, signifi-
cantly reducing Eterna’s energy consumption.
Doze State
The doze state consumes orders of magnitude less cur-
rent than the active state and is entered when all of the
peripherals and the CPU are inactive. In the doze state
Eterna’s full state is retained, timing is maintained, and
Eterna is configured to detect, wake, and rapidly respond
to activity on I/Os (such as UART signals and the TIMEn
pin). In the doze state the 32.768kHz oscillator and as-
sociated timers are active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com