Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2632 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 24Page - Monolithic Power Systems MP2632 Datasheet HTML 25Page - Monolithic Power Systems MP2632 Datasheet HTML 26Page - Monolithic Power Systems MP2632 Datasheet HTML 27Page - Monolithic Power Systems MP2632 Datasheet HTML 28Page - Monolithic Power Systems MP2632 Datasheet HTML 29Page - Monolithic Power Systems MP2632 Datasheet HTML 30Page - Monolithic Power Systems MP2632 Datasheet HTML 31Page - Monolithic Power Systems MP2632 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
28
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
give priority to the system power and maintain
proper regulation of the input voltage.
Integrated
Over-Current
Protection
and Over-Voltage Protection for Pass-
Through Path
The IC has an integrated IN-to-SYS pass-through
path to allow direct connection of the input
voltage to the system. Therefore, the IC monitors
both the input current and voltage continuously.
In the event of an overload, the charge current is
reduced to ensure priority of the system power
requirements.
The IC also features input over-current and over-
voltage protection for the IN-to-SYS pass-through
path.
Input Over-Current Protection (OCP)
When the total input current exceeds 5A, Q2 is
controlled linearly to regulate the current (see
Figure 12). If the current continues to exceed 5A
after 200
μs of blanking time, Q2 is turned off. In
the event of the input current exceeding 7A, Q2
is turned off almost instantaneously and without
any blanking time. This is done to protect both
Q1 and Q2.
Input Over-Voltage Protection (OVP)
The IC has a built-in over-voltage threshold
(VIN_OVP). When the input voltage is higher than
VIN_OVP, an invalid input power source is detected
by the IC. At this time, the IN-to-SYS pass-
through path is turned off to prevent connecting
to the wrong adapter.
IN
SYS
Charge
Pump
Q1
Q2
Figure 12: Integrated Pass-Through Path
Battery Short Protection
In charge mode, the MP2632 uses two inherent
current-limit thresholds due to a peak-current-
control strategy. CC and CV modes have a peak-
current-limit threshold of 7A, while TC mode has
a current-limit threshold of 4A. Therefore, the
current limit threshold decreases to 4A when the
battery voltage drops below the TC threshold.
The switching frequency also decreases when
the BATT voltage drops to 40% of the charge-full
voltage.
Thermal Foldback Function
The IC implements thermal protection to prevent
thermal damage to the IC and the surrounding
components. An internal thermal sense and
feedback
loop
decreases
the
programmed
charge
current
automatically
when
the
die
temperature reaches 120°C. This function is
called the charge-current-thermal foldback. This
function protects against thermal damage and
sets the charge current based on requirements,
rather than worst-case conditions while ensuring
safe operation. The part also includes thermal
shutdown protection, where the charging process
is stopped if the junction temperature rises to
150°C.
Non-Sync Operation Mode
During charging mode, the IC monitors the total
input current flowing from IN to SYS continuously.
When the input current is lower than 170mA, the
low-side switch operates as a non-synchronous
MOSFET.
Constant Off-Time Control for Large
Duty Charging Operation
The IC has a built-in 600kHz frequency oscillator
for the switching frequency. Unlike a traditional
fixed-frequency
peak-current
control,
the
IC
features a constant-off time control to support a
constant current charge, even when the input
voltage is very close to the battery voltage. The
IC compares the high-side MOSFET sense
current with the comp level continuously (see
Figure 13). If the sense current does not reach
the comp level within the original switching period,
the next clock is delayed until the sense current
reaches the comp level. As a result, the duty
cycle is able to be extended as long as possible.
Indication for Fault Flag in Charge
Mode
The MP2632 is designed with distinct indication
separating the charging fault from the normal
operation. At the charging fault, including INOVP,
BOVP, and NTC fault, the four LED pins blink
with a 1Hz frequency simultaneously (see Table
3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com