Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2632 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 28Page - Monolithic Power Systems MP2632 Datasheet HTML 29Page - Monolithic Power Systems MP2632 Datasheet HTML 30Page - Monolithic Power Systems MP2632 Datasheet HTML 31Page - Monolithic Power Systems MP2632 Datasheet HTML 32Page - Monolithic Power Systems MP2632 Datasheet HTML 33Page - Monolithic Power Systems MP2632 Datasheet HTML 34Page - Monolithic Power Systems MP2632 Datasheet HTML 35Page - Monolithic Power Systems MP2632 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
32
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 5: Indication during Normal Operation
Mode
VBATT
SOC
LED1
LED2
LED3
LED4
Charging
VBATT < 3.6V
<25%
Flash
Off
Off
Off
[3.6V, 3.8V)
[25%, 50%)
On
Flash
Off
Off
[3.8V, 4.0V)
[50%, 75%)
On
On
Flash
Off
CV mode, [4.0V, 4.2V),
not terminated
[75%, 100%)
On
On
On
Flash
VBATT ≥ 4.0, terminated
100%
On
On
On
On
Discharging
(All off after 5s)
VBATT ≥ 3.92V
>75%
On
On
On
On
[3.77V, 3.92V)
[50%, 75%)
On
On
On
Off
[3.62V, 3.77V)
[25%, 50%)
On
On
Off
Off
[3.47V, 3.62V)
[5%, 25%)
On
Off
Off
Off
[VBAT_ULVO, 3.47V)
[1%, 5%)
Flash
Off
Off
Off
VBATT < VBAT_UVLO
<1%
Off
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com