Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2632 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 4Page - Monolithic Power Systems MP2632 Datasheet HTML 5Page - Monolithic Power Systems MP2632 Datasheet HTML 6Page - Monolithic Power Systems MP2632 Datasheet HTML 7Page - Monolithic Power Systems MP2632 Datasheet HTML 8Page - Monolithic Power Systems MP2632 Datasheet HTML 9Page - Monolithic Power Systems MP2632 Datasheet HTML 10Page - Monolithic Power Systems MP2632 Datasheet HTML 11Page - Monolithic Power Systems MP2632 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
8
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, RS1 = 10mΩ, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output DP2/DM2 USB Signaling
BC1.2 DCP Mode
DP2 and DM2 short resistance
VDP = 0.8V, IDM = 1mA
158
200
Ω
BC1.2 SDP Mode
DP2 pull-down resistance
11
15
19
k
Ω
DM2 pull-down resistance
11
15
19
k
Ω
Divider Mode
DP2 output voltage
VOUT = 5V
2.6
2.7
2.8
V
DM2 output voltage
VOUT = 5V
2.6
2.7
2.8
V
DP2/DM2 output impedance
26
31
36
k
Ω
1.2V/1.2V Mode
DP2/DM2 output voltage
VOUT = 5V
1.21
1.26
1.31
V
DP2/DM2 output impedance
60
78
90
k
Ω
Voltage-Based Fuel Gauge (VOREG = 4.2V, Charge Mode)
First level of battery voltage
threshold
3.52
3.6
3.69
V
Hysteresis
500
mV
Second level of battery voltage
threshold
3.7
3.8
3.91
V
Hysteresis
500
mV
Third level of battery voltage
threshold
3.92
4.0
4.11
V
Hysteresis
500
mV
Voltage-Based Fuel Gauge (VOREG = 4.2V, Discharge Mode)
First level of battery voltage
threshold
3.4
3.47
3.54
V
Hysteresis
500
mV
Second level of battery voltage
threshold
3.55
3.62
3.69
V
Hysteresis
500
mV
Third level of battery voltage
threshold
3.7
3.77
3.84
V
Hysteresis
500
mV
Fourth level of battery voltage
threshold
3.85
3.92
3.99
V
Hysteresis
500
mV
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com