Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2632 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 2Page - Monolithic Power Systems MP2632 Datasheet HTML 3Page - Monolithic Power Systems MP2632 Datasheet HTML 4Page - Monolithic Power Systems MP2632 Datasheet HTML 5Page - Monolithic Power Systems MP2632 Datasheet HTML 6Page - Monolithic Power Systems MP2632 Datasheet HTML 7Page - Monolithic Power Systems MP2632 Datasheet HTML 8Page - Monolithic Power Systems MP2632 Datasheet HTML 9Page - Monolithic Power Systems MP2632 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
6
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, RS1 = 10mΩ, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Trickle charge hysteresis
220
mV
Battery over-voltage threshold
VBOVP
As a percentage of
VBATT_FULL
101.5%
103.5% 105.5%
VBATT_
FULL
Constant charge (CC) current
ICC
RS1 = 10m
Ω,
RISET = 150k
900
1000
1100
mA
RS1 = 10m
Ω, R
ISET = 75k
1800
2000
2200
RS1 = 10m
Ω,
RISET = 49.9k
2700
3000
3300
Trickle charge current
ITC
90
280
400
mA
Termination charge current
IBF
RS1 = 10m
Ω
90
200
300
mA
Input voltage regulation reference
VREG
4.55
4.65
4.75
V
Boost Mode
SYS voltage range
ISYS = 100mA
5
5.1
5.2
V
Boost SYS over-voltage protection
threshold
VSYS(OVP)
Threshold over VSYS to
turn off the converter
during boost mode
5.6
5.8
6
V
SYS over-voltage protection
threshold hysteresis
VSYS falling from VSYS(OVP)
330
mV
Boost quiescent current
IQ_BOOST
ISYS = 0, boost mode,
in test mode with auto-off
disabled
1.65
mA
Programmable boost output current-
limit accuracy
IOLIM
RS1 = 10mΩ,
ROLIM = 150k
0.9
1
1.1
A
RS1 = 10mΩ,
ROLIM = 60.4k
2.34
2.5
2.66
RS1 = 10mΩ,
ROLIM = 49.9k
2.8
3
3.2
SYS over-current blanking time
(5)
τ
SYSOCBLK
150
µs
SYS over-current recover time
(5)
τ
SYSRECVR
1.5
ms
System load to turn off boost
INOLOAD
Battery current in boost
mode
50
85
120
mA
Light-load blanking time
(5)
16
s
Weak battery threshold
VBAT_UVLO
During boost
2.5
2.6
V
Before boost starts
2.9
3.05
V
Sleep Mode
Battery leakage current
ILEAKAGE
VBATT = 4.2V, SYS float,
VIN = 0V,
not in boost mode
13
16
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com