Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2632 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 26Page - Monolithic Power Systems MP2632 Datasheet HTML 27Page - Monolithic Power Systems MP2632 Datasheet HTML 28Page - Monolithic Power Systems MP2632 Datasheet HTML 29Page - Monolithic Power Systems MP2632 Datasheet HTML 30Page - Monolithic Power Systems MP2632 Datasheet HTML 31Page - Monolithic Power Systems MP2632 Datasheet HTML 32Page - Monolithic Power Systems MP2632 Datasheet HTML 33Page - Monolithic Power Systems MP2632 Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
30
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The MP2632 can operate in CC mode when the
current limit is reached, and VIN does not drop to
the down mode threshold (VBATT + 100mV) (see
Figure 14).
SCP
VBATT+100mV
VSYS_REG
IOLIM
VSYS
ISYS
Figure 14: Boost Output U-I Curve
The MP2632 not only has CC mode during the
charging
process,
but also has CC mode
operation in boost mode for various applications.
SYS to BATT Block Protection
When there is no VIN and the boost mode is not
on, the part is in sleep mode. The HS switch
implements the body switch function, which
connects the body diode of the switch to the
high-voltage side of SW and SYS, which blocks
the external voltage on SYS from flooding into
the battery.
SYS Output Over-Current Protection (OCP)
The IC integrates a three-phase output over-
current protection.
1. Phase one (boost mode output current limit):
When
the
output
current
exceeds
the
programmed output current limit, the output
constant current loop controls the output
current, the output current remains at its limit
(IOLIM), and VSYS decreases.
2. Phase two (down mode): When VSYS drops
below VBATT + 100mV and the output current
loop remains in control, the boost converter
enters down mode and shuts down after
120
μs of blanking time.
3. Phase three (short-circuit mode): When VSYS
drops below 4.0V (2V during boost soft start),
the boost converter shuts down immediately
once the inductor current hits the foldback
peak-current limit of the low-side N-FET. The
boost
converter
can
also
recover
automatically after a 1ms deglitch period.
Thermal Shutdown Protection
The thermal shutdown protection is also active in
boost mode. Once the junction temperature rises
higher
than
150°C,
the
IC
enters
thermal
shutdown and does not resume normal operation
until the junction temperature drops below 120°C.
Automatic Off at Light Load
The boost turns off automatically if the load
current at BATT is below the typical 75mA value
for 16 seconds.
The MP2632 also features a long-push action on
PB to shut down the boost manually. A low push
on PB longer than 2.5 seconds is defined as a
long push (see Figure 14 for PB action).
Automatic Output DP2/DM2 Signaling
In boost mode, the IC sets the DP2/DM2 signal
based on the load applied on USB2. In pass-
through mode, DP2 and DM2 are set according
to DP1/DM1 detection results.
In boost mode, DM2/DP2 are set based on three
types of signals: DM2/DP2 separately biased
with a 2.7V voltage signal (default), DM2/DP2
shorted, and DM2/DP2 shorted with a 1.2V bias.
In pass-through mode, DM2/DP2 are connected
together if the dedicated charger ports are
detected, and pulled down to ground separately
with a 15k
Ω resistor if SDP is identified.
Torch Control
If the internal torch drive FET is off when PB is
pulled from high to low for more than 1.5ms twice
within one second, the drive FET is turned on.
Conversely, if the torch drive FET is on, the drive
FET is turned off.
Once the torch light is turned on, the automatic
off function is blocked.
PB Control
PB is used to control the enable of boost mode.
Pull PB from high to low for more than 1.5ms to
enable boost mode; pull PB from high to low for
2.5s to disable boost mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com