Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2632 Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 29Page - Monolithic Power Systems MP2632 Datasheet HTML 30Page - Monolithic Power Systems MP2632 Datasheet HTML 31Page - Monolithic Power Systems MP2632 Datasheet HTML 32Page - Monolithic Power Systems MP2632 Datasheet HTML 33Page - Monolithic Power Systems MP2632 Datasheet HTML 34Page - Monolithic Power Systems MP2632 Datasheet HTML 35Page - Monolithic Power Systems MP2632 Datasheet HTML 36Page - Monolithic Power Systems MP2632 Datasheet HTML 37Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
33
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Charge Current in Charge
Mode
In charge mode, both the external sense resistor
(RS1) and the resistor (RISET) connect to ISET to
set the charge current (ICHG) of the MP2632 (see
the Typical Application circuit on page 2). Given
the expected ICHG and RS1 values, RISET can be
calculated with Equation (6):
CHG
ISET
1500
I
(A)
R
(k ) RS1(m )
 
(6)
For example, if ICHG = 3.0A and RS1 = 1
0mΩ,
then RISET =
49.9kΩ.
Given a 10mΩ RS1, Table 6 lists the expected
RISET values for the typical charge current.
Table 6: Charging Current vs. RISET
RISET (kΩ)
Charge Current (A)
150
1.0
100
1.5
75
2.0
60
2.5
49.9
3.0
Setting the Input Current Limit in
Charge Mode
In charge mode, connect a resistor from ILIM to
AGND to program the input current limit if a
dedicated charger (CDP or DCP) is detected.
The relationship between the input current limit
and setting resistor is shown in Equation (7):
ILIM
ILIM
40(k
)
I
(A)
R
(k
)
(7)
RILIM must exceed 14.7
kΩ so that IIN_LIM is in the
range of 0A to 2.7A.
NTC Function in Charge Mode
An
internal
resistor
divider
sets
the
low
temperature threshold (VTL) and high temperature
threshold (VTH) at 66.6% of VSYS and 35% of VSYS,
respectively (see Figure 16). For a given NTC
thermistor, select an appropriate RT1 and RT2 to
set the NTC window with Equation (8) and
Equation (9):
T2
NTC_Cold
TL
SYS
T1
T2
NTC_Cold
R //R
V
TL
66.6%
V
R
R //R
(8)
T2
NTC_Hot
TH
SYS
T1
T2
NTC_Hot
R //R
V
TH
35%
V
R
R //R
(9)
Where RNTC_Hot is the value of the NTC resistor at
the upper bound of its operating temperature
range, and RNTC_Cold is its lower bound.
The two resistors RT1 and RT2 determine the
upper and lower temperature limits independently.
This flexibility allows the IC to operate with most
NTC resistors for different temperature range
requirements.
Calculate
RT1
and
RT2
with
Equation (10) and Equation (11):
NTC_Hot
NTC_Cold
T1
NTC_Cold
NTC_Hot
R
R
(TL
TH)
R
TH TL (R
R
)
(10)
NTC_Cold
NTC_Hot
T2
NTC_Cold
NTC_Hot
(TL TH) R
R
R
(1 TL) TH R
-(1-TH) TL R
(11)
For example, the NCP18XH103 thermistor has
the following electrical characteristics:
 At 0°C, R
NTC_Cold = 27.445kΩ
 At 50°C, R
NTC_Hot = 4.1601kΩ
Based on Equation (17) and Equation (18), an
RT1 value of
6.65kΩ and an RT2 value of 25.63kΩ
are suitable for an NTC window between 0°C and
50°C. Approximate values are RT1 = 6.65kΩ and
RT2 = 25.5kΩ.
If no external NTC is available, connect RT1 and
RT2 to keep the voltage on NTC within the valid
NTC window (e.g.: RT1 = RT2 = 10kΩ).
NTC
VNTC
Low Temp Threshold
High Temp Threshold
RNTC
RT1
RT2
VTL
VTH
Figure 16: NTC Function Block
For convenience, an NTC thermistor design
spreadsheet has also been provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com