Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9255WLC Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 19Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 20Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 21Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 22Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 23Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 24Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 25Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 26Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
Data Sheet
23
Rev. 1.02 2018-02-02
TLE9255W
Modes of Operation
5.5
Power On Reset
Power on Reset is a transition state of the TLE9255W after power is applied and the transceiver is not yet fully
functional.
• The transmitter and receiver are disabled.
• The bus biasing is off.
• The TxD timeout function is disabled.
• The overtemperature protection is disabled.
• The undervoltage detection on VBAT is enabled (Chapter 6.2.1), but it is not signalled in the SPI bit VBAT_UV.
• The undervoltage detection on VCC is disabled.
• The undervoltage detection on VIO is enabled (Chapter 6.2.4), but it is not signalled in the SPI bits VIO_LTUV
and VIO_STUV.
• The SPI communication is blocked (MOSI, SCLK, CSN),
• RxD and MISO pins are high impedance.
•TxD pin is blocked
•If VBAT > VBAT_POD OR VCC > VCC_POD, then the INH output pin is switched on
• All SPI registers are reset to default values.
• The HS CAN bus is not continuously monitored for a valid wake-up pattern (Chapter 5.7.1)
•The HS CAN bus is not monitored for a valid WUF (Chapter 5.7.2).
• Local wake-up function is disabled.
Conditions for entering the Power on Reset:
•VBAT <VBAT_POD AND VCC <VCC_POD threshold.
Conditions for leaving the Power on Reset:
•If VBAT is within the functional range for at least tPON OR if VCC is within the functional range for at least tPON,
then the TLE9255W enters Stand-by Mode
Figure 14 shows power up behavior and power down behavior:
Figure 14
Power down and power up behavior
SPI bit POR
The POR flag indicates that all registers are reset and the state machine is in the default mode (Stand-by Mode)
If all of the following conditions are fulfilled, then the POR flag is set:
•VBAT is within the functional range for at least tPON OR VCC is within the functional range for at least tPON, then
the TLE9255W enters Stand-by Mode
Power on Reset
Any Mode
VCC < VCC_POD
AND
VBAT < VBAT_POD
Stand-by Mode
VBAT OR VCC is in
the functional
range for at least
tPON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com