Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9255WLC Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 39Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 40Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 41Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 42Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 43Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 44Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 45Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 46Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
Data Sheet
43
Rev. 1.02 2018-02-02
TLE9255W
CAN Partial Networking
7.3
Frame Error Counter
The frame error counter indicates, whether received classical CAN frames are valid. CAN FD frames are not
evaluated and therefore CAN FD frame errors do not affect the frame error counter. If the selective wake unit
detects a classical CAN frame error, then the frame error counter is increased by 1. If the selective wake unit
detects a valid classical CAN frame, then the error counter is decreased by 1. The following types of errors
cause invalid classical CAN Frames:
•Bit stuffing error
•CRC error
•CRC delimiter error
If the SPI bit SWK_EN = 1, then the frame error counter is active in any mode of operation. The error counter
value can be read via SPI (register SWK_ECNT_STAT). Each time that the Selective Wake Unit is enabled
(SWK_EN = 1) OR if the tsilence timer has expired, then the error counter is reset to zero.
If the TLE9255W repeatedly receives invalid classical CAN frames in the Selective Wake Sub-Mode, then the
frame error counter ensures that a wake-up is performed. If the TLE9255W is in the Selective Wake Sub-Mode
and the error counter reaches the value 32, then a wake-up is performed.
7.4
Selective Wake Configuration Error
After the microcontroller has confirmed the configuration (CFG_VAL = 1), writing the following registers
generates a selective wake configuration error:
• Baudrate control register (SWK_CTRL_2)
• Identifier control registers (SWK_ID3_CTRL, SWK_ID2_CTRL, SWK_ID1_CTRL and SWK_ID0_CTRL)
• Mask identifier control registers (SWK_MASK_ID3_CTRL, SWK_MASK_ID2_CTRL, SWK_MASK_ID1_CTRL
and SWK_MASK_ID0_CTRL)
• Data Length control register (SWK_DLC_CTRL)
• Data control registers (SWK_DATA7_CTRL, SWK_DATA6_CTRL, SWK_DATA5_CTRL, SWK_DATA4_CTRL,
SWK_DATA3_CTRL, SWK_DATA2_CTRL, SWK_DATA1_CTRL and SWK_DATA0_CTRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com