Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9255WLC Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 35Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 36Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 37Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 38Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 39Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 40Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 41Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 42Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
Data Sheet
39
Rev. 1.02 2018-02-02
TLE9255W
Fail Safe Functions
6.5
Overtemperature Protection
Integrated overtemperature detection protects the TLE9255W from thermal overstress of the transmitter. The
overtemperature protection is active in Normal-operating Mode only. The temperature sensor provides the
temperature threshold TJSD. If the junction temperature exceeds the upper threshold TJSD, then the TLE9255W
disables the transmitter and sets the bit TSD, indicating that a critical temperature situation is reached. After
the device cools down the transmitter is re-enabled. Only an SPI command can reset the TSD bit. A hysteresis
is implemented within the temperature sensor.
Figure 35
Overtemperature protection
6.6
Delay Time for Mode Change
The TLE9255W performs mode changes within the time window tMode_Change. During mode changes
(tMode_Change) the RxD output pin is permanently set to “high” and does not reflect the status on the CANH and
CANL input pins. After the mode change is completed, the TLE9255W releases the RxD output pin.
TxD
t
t
CANH
CANL
RxD
t
TJ
t
TJSD (shut down temperature)
switch-on transmitter
T
cool down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com