Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9255WLC Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 42Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 43Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 44Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 45Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 46Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 47Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 48Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 49Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
Data Sheet
46
Rev. 1.02 2018-02-02
TLE9255W
CAN Partial Networking
If the selective wake unit detects an invalid classical CAN frame, then the SYNC flag is reset. The SYNC flag has
no influence on the transition to the Sleep Mode by an SPI command. After power up SYNC = 0. The SYNC flag
is not valid in the Selective Sleep Sub-Mode.
7.6.3
CANTO Flag
The CANTO flag in the register SWK_STAT indicates that the TLE9255W has entered Selective Sleep Mode (no
bus communication) at least once. Only if the SPI bit SWK_EN = 1, then the CANTO flag can be set. If the
TLE9255W is in the Selective Sleep Mode AND if the tSilence timer expires, then the CANTO flag is set . Only an
SPI command can reset the CANTO flag .
7.6.4
CANSIL Flag
The CANSIL flag in the register SWK_STAT indicates that there is no communication on the CAN bus (tSilence
timer has expired). Figure 15 defines the restart conditions for the tSilence timer.
7.6.5
SWK_ACTIVE Flag
The SWK_ACTIVE flag in the register SWK_STAT indicates that the TLE9255W is in Selective Wake Sub-Mode. If
the TLE9255W enters the Selective Wake Sub-Mode, then the SWK_ACTIVE flag is set. If the TLE9255W exits
Sleep Mode, then it resets the SWK_ACTIVE flag.
7.6.6
CFG_VAL Flag
The microcontroller sets the CFG_VAL flag in the register SWK_CTRL_1 to confirm the selective wake
configuration. This confirmation must be performed each time before a mode change to Sleep Mode by an SPI
command (Selective Wake Sub-Mode) is sent. The TLE9255W resets the CFG_VAL bit under any of the following
conditions:
• If a mode change from Selective Wake Sub-Mode to Stand-by Mode is performed.
• If a mode change from Selective Sleep Sub-Mode to Stand-by Mode is performed.
• If a selective wake configuration error is detected (Chapter 7.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com