Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9255WLC Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 34Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 35Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 36Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 37Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 38Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 39Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 40Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 41Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
Data Sheet
38
Rev. 1.02 2018-02-02
TLE9255W
Fail Safe Functions
6.4
TxD Time-out Function
If the logical signal on the TxD pin is permanently “low”, then the TxD time-out feature protects the CAN bus
from blocked communication due to this errant logic signal on TxD. A permanent “low” signal on the TxD pin
can occur due to a locked-up microcontroller or in a short circuit on the printed circuit board, for example. In
Normal-operating Mode, a “low” signal on the TxD pin for the time t > tTXD_TO enables the TxD time-out feature
and the TLE9255W disables the transmitter (see Figure 34) and sets the TXD_TO bit in the register
TRANS_STAT. The timer tTXD_TO is configurable in SPI register TXD_TO_CTRL. The receiver is still active and the
RxD output pin continues monitoring data on the bus.
Figure 34
TxD time-out function
Figure 34 shows how the transmitter is deactivated and re-activated.To release the transmitter after a TxD
time-out event, the TLE9255W requires a signal change on the TxD input pin from “low” to “high”.
TxD
t
t
CANH
CANL
RxD
t
TxD time-out
TxD time–out released
t > tTXD_TO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com