Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9255WLC Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 38Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 39Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 40Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 41Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 42Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 43Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 44Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 45Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
Data Sheet
42
Rev. 1.02 2018-02-02
TLE9255W
CAN Partial Networking
7.2
Activation of Selective Wake
Figure 39 shows the recommended way to activate the selective wake function in the TLE9255W.
Figure 39
Activation of selective wake function
The selective wake unit will acquire CAN
bus synchronization within 4 classical
CAN frames. On the first successfully
synchronized classical CAN frame the
SYNC bit is set to 1.
Set SWK wake data. e.g.
ID, ID_Mask, DATA
Power on Reset
SWK Unit is not enabled
Check
SYSERR
1
0
Enable Selective Wake
(SWK_EN = 1)
Confirm SWK configuration
(CFG_VAL = 1)
Check
WK_STAT
register
Change into the Sleep
Mode by a SPI command
No WUP, LWU or WUF pending
Any mode
SWK Unit is enabled
Clear WK_STAT register
WUP, LWU or WUF
pending
MC decides how to procceed
MC still wants to change
into Sleep Mode
SWK
Config Error
(CFG_VAL = 0)
Yes
Frame could not be detected
by the selective wake unit. MC
must make a diagnosis to find
the reason (e.g. wrong
baudrate).
SWK configuration must be
checked by MC
No
Set Baudrate for the SWK
unit
Transceiver enters Sleep
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com