Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9255WLC Datasheet(PDF) 50 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 50 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 46Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 47Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 48Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 49Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 50Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 51Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 52Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 53Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 54Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
Data Sheet
50
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
8.3
Status Information Field
The Status Information Field informs the microcontroller that status register bits have changed. The Status
Information Field is returned during each SPI write or read command in the MISO format frame. Each bit of the
Status Information Field represents an OR operation of some bits of a specific status register. If an SPI access
occurs while the status register is being updated due to an event, the content of the Status Information Field
may not reflect the latest state of the status registers. Table 4 defines the content of the Status Information
Field.
The ERR_STAT is flagged on the MISO pin.
8.4
SPI Failure
The SPI bit COM_ERR signals an SPI failure. Any of the following conditions define the SPI failure:
• Register address does not exist
• Number of received SPI clocks is neither 0 nor 16
On SPI failure SPI commands are ignored.
8.5
Invalid SPI Command
Any attempt to write undefined bit combinations to one of the following SPI registers is an invalid SPI
command.
• Mode of the register MODE_CTRL
• TXD_TO of the register TXD_TO_CTRL
• BR_RATIO of the register SWK_CTRL_2
• BR of the register SWK_CTRL_2
• VIO_UV_T of the register SUPPLY_CTRL
• VCC_UV_T of the register SUPPLY_CTRL
An invalid SPI command is ignored and the CMD_ERR bit is set and signalled on the MISO pin. Only the
microcontroller can reset the CMD_ERR bit.
Table 4
Status Information Field
Name
Bit Position
Reflected Bits
Reserved
0
-
TRANS_UV_STAT (Transceiver
undervoltage status)
1
VBAT_UV OR VCC_LTUV OR VCC_STUV OR VIO_LTUV
OR VIO_STUV
TEMP_STAT (Temperature status)
2
TSD OR Reserved
WAKE_STAT (Wake-up status)
3
LWU OR WUP OR WUF
TXD_TO (TxD timeout)
4
TXD_TO
CANSIL (CAN Silence)
5
CANSIL
POR (Power on Reset)
6
POR
ERR_STAT (Error status)
7
CMD_ERR or COM_ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com