Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P568 Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
29
01/31/2004
V4.7
Fig.11 The comparator timing
IOC6 (PORT6 I/O control, P6* pins switch control)
PAGE0 (PORT6 I/O control register)
7
6
5
4
3
2
1
0
IOC67
IOC66
IOC65
IOC64
IOC63
IOC62
IOC61
IOC60
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (IOC60 ~ IOC67) : PORT6(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (P6* pins switch control register)
7
6
5
4
3
2
1
0
AMUTE
P66S
P65S
P64S
P63S
P62S
-
-
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 1 : (remain these values to “0” unchanged if PORT60,61 are used)
Bit 2(P62S) : Select channel 2 input pin of comparator or I/O PORT63 pin
0
P62 (I/O PORT62) pin is selected
1
CMP1 (Channel 1 input of comparator) pin is selected
Bit 3(P63S) : Select channel 2 input pin of comparator or I/O PORT63 pin
0
P63 (I/O PORT63) pin is selected
1
CMP2 (Channel 2 input of comparator) pin is selected
Bit 4(P64S) : Select channel 3 input pin of comparator or I/O PORT64 pin
0
P64 (I/O PORT64) pin is selected
1
CMP3 (Channel 3 input of comparator) pin is selected
Bit 5(P65S) : Select receiving audio output pin of CTCSS or I/O PORT65 pin
0
P65 (I/O PORT65) pin is selected
1
AURX (Receiving audio output pin of CTCSS) pin is selected
CMPEN
CMP1 to CMP3
reference
voltage
CPU clock
CMPFLAG
Setup time 10us
Compare start
Compare end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com