Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P568 Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
42
01/31/2004
V4.7
VII.9 Signal and control paths for DAC, DAC tone gen., CTCSS and Comparator
DAC Tone
Gen.
R-2R
fm =
447.829kHz
MUX
DA7~DA0
DAT/DAD
DAT7~DAT0
DAST/P67
PORT67
DAO/P67
DATEN
MUX
2.5V
ref
VDD
MUX
VDD
VRSEL
(part of Comparator)
MUX
ASW3
To ladder resistors
To Sub-Audio LPF
(part of CTCSS)
VTX3
VRX3
DAC
DAC Tone Gen.
B2
B1
CMPEN
Name
Register bit location
DAT7 ~ DAT0 RE PAGE1 bit 7 ~ 0
DA7 ~ DA0
RA PAGE1 bit 7 ~ 0
ASW3
DATEN
VREF
DAST/P67
CMPEN
VRSEL
REFSEL
REFEN
REFSEL
REFEN
Volgage reference control logic
Name
Register bit location
DAST/P67
IOCA PAGE1 bit 3
VRSEL
IOCA PAGE1 bit 4
DATEN
IOCA PAGE1 bit 5
VREF
IOCA PAGE1 bit 6
DAT/DAD
IOCA PAGE1 bit 7
CMPEN
IOC5 PAGE1 bit 7
ASW3
IOCE PAGE1 bit 2
ps. REFEN, REFSEL are not register bits.
Fig.16 Signal and control paths for analog circuit
The Fig.16 above try to explain how to use built-in 8-bit R-2R DAC. This DAC can be used as general DAC; here
is call “DAC general mode”. Also it can be used as FRS CTCSS tone generation; here is called DAC tone generator
mode. When you use DAC general mode, you have to software program DAC input data DA7 ~ DA0 bits with
different points of value for tone generation. When you use DAC tone generator mode, you just need to set DAT7 ~
DAT0 bits and then the hardware “DAC Tone Gen.” will auto-program DAC to generate corresponding frequency
signal output. Using this feature, it is easy and software free to generate accurate CTCSS tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com