Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P568 Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
39
01/31/2004
V4.7
Operation registers :
Address
R register
PAGE0
R register
PAGE1
R register
PAGE2
IOC register
PAGE0
IOC register
PAGE1
0x4
00xxxxxx
0x5
xxxx0000
xxxx0000
111x0000
00000000
0x6
xxxxxxxx
xxxxxxxx
11111111
00000000
0x7
xxxxxxxx
xxxxxx00
11111111
00000000
0x8
xxxxxxxx
00000000
11111111
00000000
0x9
xxxxxxxx
xxxxxxxx
11111111
00000000
0xA
00011x00
11111111
0xxxxxxx
00000000
00000xxx
0xB
xxxxxxxx
11111111
0xC
xxxxxxxx
00000000
11111111
000000x0
0xD
0xxxx000
00000000
00000000
00000000
0xE
xxxx0000
11111111
0000x000
00000000
0xF
00000000
00000000
VII.6 Wake-up
The controller has two types of sleep mode for power saving :
(1) SLEEP mode, RA(7) = 0 + "SLEP" instruction
The controller will turn off all the CPU and crystal. Other circuit with power control like key tone control or
PLL control (which has enable register), user has to turn it off by software.
(2) IDLE mode, RA(7) = 1 + "SLEP" instruction.
The controller will turn CPU off, but the crystal.
Wake-up from SLEEP mode
(1) WDT time out
(2) External interrupt
(3) /RESET pull low
All these cases will reset controller , and run the program at address zero. The status just like the power on reset.
Be sure to enable circuit at case (1) or (2).
Wake-up from IDLE mode
(1)WDT time out
(2) external interrupt
(3) internal interrupt like counters
All these cases, user has to enable circuit before entering IDLE mode. After wake-up, all the register will keep
values just like into "SLEP" instruction before.
At case (2) or (3), controller will wake up and jump to address 0x08 for interruption sub-routine. After finishing
sub-routine ("RETI" instruction), program will jump to the next instruction from "SLEP" instruction.
VII.7 Interrupt
RF is the interrupt status register which records the interrupt request in flag bit. IOCF is the interrupt mask
register. Global interrupt is enabled by ENI instruction and is disabled by DISI instruction. When one of the
interrupts (when enabled) generated, will cause the next instruction to be fetched from address 008H. Once in the
interrupt service routine, the source of the interrupt can be determined by polling the flag bits in the RF register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com