Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P568 Datasheet(PDF) 58 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 58 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 61Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
53
01/31/2004
V4.7
OSC and reset timing characteristics (see Fig.25 for details)
Description
Symbol
Min
Typ
Max
Unit
Oscillator timing characteristic
OSC start up
32.768kHz
Toscs
400
1500
ms
3.579MHz PLL
5
10
us
Reset timing characteristic
The minimum width of reset low pulse
Trst
3
uS
The delay between reset and program start
Tdrs
18
mS
Embedded LCD driver
Symbol
Parameter
Condition
Min
Typ
Max Unit
Frame
LCD frame frequency
1/8, 1/16 duty
64
Hz
TONE generators for AC Characteristic (AVDD=VDD=5V,Ta=+25
°C)
CHARACTERISTIC
Min
Typ
Max
Unit
Tone1/Tone2 signal strength (root mean square voltage)
Tone1 signal strength V1rms (ps1) ~= -14dBm (600Ω)
130
155
180
mV
Tone2 signal strength V2rms (ps1) ~ = -12dBm (600Ω)
1.259V1rms
mV
Tone twist
(Tone1 – Tone2) twist
-2
dB
(ps1) : V1rms and V2rms has 2 dB difference. It means 20log(V2rms/V1rms) = 20log1.259 = 2 (dB)
CTCSS block (AVDD=VDD=5V,Ta=+25
°C)
Parameter
Min.
Typ. Max.
Unit
RX mode
Zero crossing threshold (mVrms) (note : 1*)
20
mV
Data Duty Ratio
30
50
70
%
TX mode
CTCSS tone (form Tone 2) to VTX3, for 600Ω
-12
dBm
CTCSS tone to MTX, for 600Ω
-22
dBm
Filter
BPF for Audio
Pass-Band Frequency
300
3400
Hz
Pass-Band Ripple
1.0
dB
LPF for Sub-Audio
Pass-Band Frequency
60
253
Hz
Pass-Band Ripple
1.0
dB
Output
Driving capacity for AURX pin
30
uA
Driving capacity for MTX pin
30
uA
Output loading impedance for AURX pin
(Ref. Voltage = 2.5V)
42
k
Ω
Output loading impedance for MTX pin
(Ref. Voltage = 2.5V)
42
k
Ω
Note :
1*. Test under Fig.26 application circuit. Zero crossing threshold means ZC’s transition level in Fig.14 CTCSS
block. This level is close but not equal to CTCSS receiving sensitivity. The CTCSS receiving sensitivity
partially depends on user software judgement. Also CTCSS receiving sensitivity can be adjusted by changing
external resistors of RX AMP in Fig.26 application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com