Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P568 Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 60Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
51
01/31/2004
V4.7
VIII. Absolute Operation Maximum Ratings
RATING
SYMBOL
VALUE
UNIT
DC SUPPLY VOLTAGE
VDD
-0.3 To 6
V
INPUT VOLTAGE
Vin
-0.5 to VDD +0.5
V
OPERATING TEMPERATURE RANGE
Ta
-30 to 70
℃
IX. DC Electrical Characteristic
(Ta = 0
°C ~ 70°C, AVDD=VDD=5V±5%, VSS=0V)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input leakage current for
input pins
IIL1
VIN = VDD, VSS
±1
µA
Input leakage current for bi-
directional pins
IIL2
VIN = VDD, VSS
±1
µA
Input high voltage
VIH
2.5
V
Input low voltage
VIL
0.8
V
Input high threshold voltage
VIHT
/RESET, TCC
2.0
V
Input low threshold voltage
VILT
/RESET, TCC
0.8
V
Clock input high voltage
VIHX
OSCI
3.5
V
Clock input low voltage
VILX
OSCI
1.5
V
Output high voltage for
PORT6,7,8,B
VOH1
IOH = -5mA
2.4
V
Output high voltage for
PORT9
VOH2
IOH = -14mA
2.4
V
Output low voltage for
PORT6,7,8,B
VOL1
IOH = 5mA
0.4
V
Output low voltage for
PORT9
VOL2
IOH = 10mA
0.4
V
LCD drive reference voltage
VLCD
VDD=5V, Contrast adjust
4 ~ 5
V
Pull-high current
IPH
Pull-high active input pin at
VSS
-10
-15
µA
Power down current
(SLEEP mode)
ISB1
All input and I/O pin at VDD,
output pin floating, WDT
disabled
1
5
µA
Low clock current
(GREEN mode)
ISB2
CLK=32.768KHz, All analog
circuits disabled, All input
and I/O pin at VDD, output
35
50
µA
Low clock current
(IDLE mode)
ISB3
CLK=32.768KHz, All analog
circuits disabled, All input
and I/O pin at VDD, output
30
45
µA
Operating supply current
(Normal mode)
ICC1
/RESET=High,
CLK=3.582MHz, All analog
circuits disabled, output pin
floating
1
2
mA
Tone generator reference
voltage
Vref2
VREG is regulator output
0.5
0.7
VREG
Tone1 signal strength
V1rms
Root mean square voltage
130
155
180
mV
Tone2 signal strength
V2rms
Root mean square voltage
1.259V1rms
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com