Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P568 Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 48 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 52Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
43
01/31/2004
V4.7
(1) DAC program mode:
The below item “1” is for DAC general mode. The below item “2,3” are for DAC tone generator mode.
1. DAT/DAD = 0
DAC general mode, software-program DAC from DA7 ~ DA0 register bits , disable DAC
tone generator。
2. DAT/DAD = 1
DAC tone generator mode, hardware-program DAC by setting DAT7 ~ DAT0 register
bits, enable DAC tone generator。
3. DAT7 ~ DAT0 = 0
Disable DAC tone generator。
(2) DAC output paths:
DAST/P67 is used to enable DAC output buffer B1. DATEN is used to enable DAC output buffer B2.
1. External:DAC output from its output buffer B1 to DAO/P67 pin。
DAST/P67 = 1
power on DAC, enable DAC output buffer B1, output sent to DAO/P67 pin。
2. Internal:DAC output from its output buffer B2 to CTCSS Sub-audio LPF。
DATEN = 1
power on DAC, enable DAC output buffer B2, output sent to CTCSS VTX3。
(3) Using 2.5V ref and DAC
ASW3
DATEN
VREF
DAST/P67
REFSEL
REFEN
CMPEN
VRSEL
Fig.17 Voltage reference control logic
“2.5V ref.” is the reference voltage used in DAC, Comparator or CTCSS. The voltage reference control logic
process these combination use. For this reference used in Comparator, you just only take care of CMPEN and
VRSEL bits. For this reference used in others, you need to set ASW3, VREF, DATEN and DAST/P67. The
following table shows the least two bits setting to logic “1” (CMPEN=VRSEL=1 or ASW3=DATEN=1 or
VREF=DATEN=1 or VREF=DAST/P67=1) will “select 2.5V and enable 2.5V ref”.
When REFSEL = 1, the 2.5V ref is select not VDD. (select 2.5V ref)
When REFEN = 1, the 2.5V ref is power on. (2.5V ref enable)
ASW3 VREF DATEN DAST/P67 CMPEN
VRSEL Function
x
x
x
x
1
1
select 2.5V ref, enable 2.5V ref, enable Comparator
1
x
1
x
x
x
select 2.5V ref, enable 2.5V ref, enable DAC,
0
1
1
x
x
x
enable buffer B2, buffer B2 output to CTCSS LPF
x
1
0
1
x
x
select 2.5V ref, enable 2.5V ref, enable DAC,
enable buffer B1, buffer B1 output to DAO/P67 pin
(4) Select DAO/P67 pin as normal I/O P67
Set DAST/P67 = 0 to select normal I/O P67.
(5) Using DAC general mode
1. DAT/DAD = 0
select DAC general mode。
2. Program DA7 ~ DA0。
3. Enable DAC, enable DAC output buffer, select DAC reference source。
(6) Using DAC tone generator mode
1.
DAT/DAD = 1
select DAC tone generator mode。
2.
Program DAT7 ~ DAT0 = 1 to 255. (If DAT7 ~ DAT0 = 0, DAC tone gen. is disabled.)。
3.
Enable DAC, enable DAC output buffer, select DAC reference source。
Ps. When DAC tone output is set to CTCSS Sub-audio LPF(ASW3=DATEN=1 or VREF=DATEN=1), it will be
forced to select 2.5V ref by voltage reference control logic. When its output is set to DAO/P67 pin, reference
voltage can be selected as VDD or 2.5V.
Ref to Page 18,19 for CTCSS tone generation table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com