Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P568 Datasheet(PDF) 51 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 51 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 55Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
46
01/31/2004
V4.7
(3) TX : transmitting audio
Audio
BPF
VRF
VRF
Rx AMP
MIC AMP
Z C
AURX/P65
RXO
RXI
MICI
MICO
Summing
MTX/P66
VRF
-10dB
0dB
ASW1 = 1
ASW2 = 1
RXPWR
LPFPWR
BPFPWR = 1
Sub-Audio
LPF
ASW4
MUX
PORT66
MTX
MUX
PORT65
AURX
P65S
P66S = 1
AMP
MUX
ASW3
MUX
MUX
MUX
DETO
TXPWR = 1
TXPWR = 1
RXPWR
VRX1
VTX1
VRX2
VTX2
VRX3
VTX3
VRX4
VTX4
(from DAC output buffer B2)
CTCSS tone input
MUX
MICO
AMUTE = 0
Fig.20
(4) TX : transmitting CTCSS tone
Audio
BPF
VRF
VRF
Rx AMP
MIC AMP
Z C
AURX/P65
RXO
RXI
MICI
MICO
Summing
VRF
-10dB
0dB
ASW1
ASW2
RXPWR
LPFPWR = 1
BPFPWR
Sub-Audio
LPF
ASW4 = 1
MUX
PORT66
MTX
MUX
PORT65
AURX
P65S
P66S = 1
AMP
MUX
ASW3 = 1
MUX
MUX
MUX
DETO
TXPWR
TXPWR = 1
RXPWR
VRX1
VTX1
VRX2
VTX2
VRX3
VTX3
VRX4
VTX4
(from DAC output buffer B2)
CTCSS tone input
MUX
MICO
AMUTE
MTX/P66
Fig.21
VII.10.2 Special application on Audio/CTCSS tone mixing output
Generally speaking, users can use built-in DAC tone gen.(described in VII.9) to generate CTCSS
tone accompanied with audio on MTX/P66 pin output without problem. For some customers, due to
modulation index criteria of their FM modulator cannot accept built-in CTCSS tone because this level is
too large for them to use.
In this case, there are two ways to solve this problem :
(1) One way is not to use built-in DAC tone gen. but need to program built-in DAC to generate CTCSS
tone by user software algorithm. User software algorithm can normalize the final CTCSS tone level
to their requirement without adding any external elements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com