Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P568 Datasheet(PDF) 38 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 38 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 42Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
33
01/31/2004
V4.7
DAST/P67
PORT67
DAO/P67
DATEN
MUX
2.5V
ref
VDD
REFSEL
REFEN
B2
B1
2R
2R
R
2R
2R
R
8-bit
DAC
input
data
buffer
(This circuit is from Comparator)
VRSEL
To ladder resistors
CMPEN
(This circuit is from CTCSS)
MUX
ASW3
VTX3
VRX3
To Sub-Audio LPF
MUX
DAC input
Fig.12 D/A converter (DAC)
Fig.13 DAC reference voltage control logic
Bit 7 (DAT/DAD) : Programmable D/A tone generation or D/A input data enable control
0
Enable D/A input data and disable D/A tone generation (also stop to D/A tone generation)
1
Enable Programmable D/A tone generation and disable D/A input data
IOCB (PORTB I/O control)
PAGE0 (PORTB I/O control register)
7
6
5
4
3
2
1
0
IOCB7
IOCB6
IOCB5
IOCB4
IOCB3
IOCB2
IOCB1
IOCB0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (IOCB0 ~ IOCB7) : PORTB(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
ASW3
DATEN
VREF
DAST/P67
REFSEL
REFEN
CMPEN
VRSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com