Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 145 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 141Page - NXP Semiconductors IMX7SCEC Datasheet HTML 142Page - NXP Semiconductors IMX7SCEC Datasheet HTML 143Page - NXP Semiconductors IMX7SCEC Datasheet HTML 144Page - NXP Semiconductors IMX7SCEC Datasheet HTML 145Page - NXP Semiconductors IMX7SCEC Datasheet HTML 146Page - NXP Semiconductors IMX7SCEC Datasheet HTML 147Page - NXP Semiconductors IMX7SCEC Datasheet HTML 148Page - NXP Semiconductors IMX7SCEC Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 152 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
145
D09
SAI2_TXFS
NVCC_SAI
GPIO
ALT5
GPIO6_IO[19]
100K PD
C06
SD1_CD_B
NVCC_SD1
GPIO
ALT5
GPIO5_IO[0]
100K PD
B05
SD1_CLK
NVCC_SD1
GPIO
ALT5
GPIO5_IO[3]
100K PD
C05
SD1_CMD
NVCC_SD1
GPIO
ALT5
GPIO5_IO[4]
100K PD
A05
SD1_DATA0
NVCC_SD1
GPIO
ALT5
GPIO5_IO[5]
100K PD
D06
SD1_DATA1
NVCC_SD1
GPIO
ALT5
GPIO5_IO[6]
100K PD
A04
SD1_DATA2
NVCC_SD1
GPIO
ALT5
GPIO5_IO[7]
100K PD
D05
SD1_DATA3
NVCC_SD1
GPIO
ALT5
GPIO5_IO[8]
100K PD
B04
SD1_RESET_B
NVCC_SD1
GPIO
ALT5
GPIO5_IO[2]
100K PD
C04
SD1_WP
NVCC_SD1
GPIO
ALT5
GPIO5_IO[1]
100K PD
E03
SD2_CLK
NVCC_SD2
GPIO
ALT5
GPIO5_IO[12]
100K PD
F06
SD2_CMD
NVCC_SD2
GPIO
ALT5
GPIO5_IO[13]
100K PD
E04
SD2_DATA0
NVCC_SD2
GPIO
ALT5
GPIO5_IO[14]
100K PD
E05
SD2_DATA1
NVCC_SD2
GPIO
ALT5
GPIO5_IO[15]
100K PD
F05
SD2_DATA2
NVCC_SD2
GPIO
ALT5
GPIO5_IO[16]
100K PD
E06
SD2_DATA3
NVCC_SD2
GPIO
ALT5
GPIO5_IO[17]
100K PD
G03
SD2_RESET_B
NVCC_SD2
GPIO
ALT5
GPIO5_IO[11]
100K PD
C03
SD2_WP
NVCC_SD2
GPIO
ALT5
GPIO5_IO[10]
100K PD
C01
SD3_CLK
NVCC_SD3
GPIO
ALT5
GPIO6_IO[0]
100K PD
E01
SD3_CMD
NVCC_SD3
GPIO
ALT5
GPIO6_IO[1]
100K PD
B02
SD3_DATA0
NVCC_SD3
GPIO
ALT5
GPIO6_IO[2]
100K PD
A02
SD3_DATA1
NVCC_SD3
GPIO
ALT5
GPIO6_IO[3]
100K PD
G02
SD3_DATA2
NVCC_SD3
GPIO
ALT5
GPIO6_IO[4]
100K PD
F01
SD3_DATA3
NVCC_SD3
GPIO
ALT5
GPIO6_IO[5]
100K PD
F02
SD3_DATA4
NVCC_SD3
GPIO
ALT5
GPIO6_IO[6]
100K PD
E02
SD3_DATA5
NVCC_SD3
GPIO
ALT5
GPIO6_IO[7]
100K PD
C02
SD3_DATA6
NVCC_SD3
GPIO
ALT5
GPIO6_IO[8]
100K PD
B01
SD3_DATA7
NVCC_SD3
GPIO
ALT5
GPIO6_IO[9]
100K PD
G01
SD3_RESET_B
NVCC_SD3
GPIO
ALT5
GPIO6_IO[11]
100K PD
J01
SD3_STROBE
NVCC_SD3
GPIO
ALT5
GPIO6_IO[10]
100K PD
AB08
SNVS_PMIC_ON_REQ
VDD_SNVS_IN
SNVS_PMIC_ON_REQ
AA07
SNVS_TAMPER0
VDDD_SNVS_1P8_CAP
Analog
SNVS_TAMPER0
Table 95. i.MX 7Solo 19 x 19 mm functional contact assignments (continued)
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com